Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3532J Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG3532J
Description  PRECISION GENERAL-PURPOSE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3532J Datasheet(HTML) 4 Page - Microsemi Corporation

  SG3532J Datasheet HTML 1Page - Microsemi Corporation SG3532J Datasheet HTML 2Page - Microsemi Corporation SG3532J Datasheet HTML 3Page - Microsemi Corporation SG3532J Datasheet HTML 4Page - Microsemi Corporation SG3532J Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SG1532/SG2532/SG3532
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
CHARACTERISTIC CURVES (continued)
APPLICATION INFORMATION
FIGURE 5.
FREQUENCY RESPONSE
FIGURE 6.
TRANSIENT RESPONSE
FIGURE 8 - HIGH CURRENT REGULATOR WITH FOLDBACK
CURRENT LIMITING AND REMOTE SHUTDOWN
FIGURE 7 - 90% EFFICIENT LINEAR REGULATOR
Output Voltage = 5V
Line Reg 10-30V = 3mV
Max Output Current = 8A
Load Reg 0-5A = 17mV
Min V
IN at No Load = 6.9V
Short Circuit Current = 1.8A
Min V
IN at 5A = 8.2V
Note:
* 100
Ω surge limiting resistor should be used for
output voltages above 8V.
Output Voltage = 5V
Max Output Current = 3A
Min (V
IN-VOUT) at 2A = 0.4V
Line Reg 6-30V = 10 mV
Load Reg 0-2A = 20mV
Notes:
For output voltages above 8V and load currents
which allow PNP base current to be limited to
25mA, the internal zener may be used, eliminat-
ing the need for the two external diodes and the
divider on V
REF .
R
SC
can be eliminated if the 200mA current limit on
V
OUT
is adequate.
Overall current limiting is
dependent upon PNP Beta. For greater accu-
racy, load currrent may be sensed in the ground
line.


Similar Part No. - SG3532J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3532J MICROSEMI-SG3532J Datasheet
99Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
More results

Similar Description - SG3532J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1532 MICROSEMI-SG1532 Datasheet
99Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
logo
Holtek Semiconductor In...
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
logo
Toshiba Semiconductor
TA7089P TOSHIBA-TA7089P Datasheet
520Kb / 20P
   GENERAL PURPOSE VOLTAGE REGULATOR
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Intersil Corporation
ISL28177FBZ INTERSIL-ISL28177FBZ Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
April 5, 2012
logo
Alpha & Omega Semicondu...
AOZ1905 AOSMD-AOZ1905 Datasheet
572Kb / 16P
   EZBoost 2A General Purpose Regulator
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
   1.5A General Purpose Boost Regulator
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com