Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3543N Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG3543N
Description  POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3543N Datasheet(HTML) 3 Page - Microsemi Corporation

  SG3543N Datasheet HTML 1Page - Microsemi Corporation SG3543N Datasheet HTML 2Page - Microsemi Corporation SG3543N Datasheet HTML 3Page - Microsemi Corporation SG3543N Datasheet HTML 4Page - Microsemi Corporation SG3543N Datasheet HTML 5Page - Microsemi Corporation SG3543N Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
0
80
60
72
Current Limit Section
Input Voltage Range
Input Bias Current
Input Offset Voltage
CMRR
AVOL
Output Saturation
Output Leakage
Small Signal Bandwidth
Propagation Delay
0.3
0
100
70
80
0.2
.01
5
200
200
13
0
0.4
2
0.4
2
400
300
500
400
0.1
0.8
6
0.8
6
100
12
ELECTRICAL CHARACTERISTICS (continued)
2.45
2.40
200
Comparator Section
Input Threshold (Note 5)
Input Hysteresis
Input Bias Current
Delay Saturation
Delay High Level
Delay Charging Current
Indicate Saturation
Indicate Leakage
Propagation Delay
SG1543/2543
SG3543
Units
Test Conditions
Parameter
2.50
25
0.3
0.2
6
250
0.2
.01
400
10
V
IN
-3V
1.0
10
120
0.5
1.0
CHARACTERISTIC CURVES
FIGURE 1.
SCR TRIGGER POWER LIMITING
FIGURE 2 .
ACTIVATION DELAY VS. CAPACITOR VALUE
Note 5. Input voltage rising on O.V. Input and falling on U.V. Input.
Min. Typ. Max. Min. Typ. Max.
2.55
2.60
1.0
0.5
8
300
0.5
1.0
2.40
2.35
200
2.50
25
0.3
0.2
6
250
0.2
0.1
400
10
2.60
2.65
1.0
0.5
8
300
0.5
1.0
V
V
mV
µA
V
V
µA
V
µA
ns
ms
SCR Trigger Section
Peak Output Current
Peak Output Voltage
Output Off Voltage
Remote Activate Current
Remote Activate Voltage
Reset Current
Reset Voltage
Output Current Rise Time
Prop. Delay from REM. ACT. Pin
Prop. Delay fom O.V. INPUT Pin
400
0.1
0.8
6
0.8
6
100
12
200
13
0
0.4
2
0.4
2
400
300
500
mA
V
V
mA
V
mA
V
mA/
µs
ns
ns
0
70
60
72
0.3
0
100
70
80
0.2
.01
5
200
V
IN -3V
1.0
15
130
0.5
1.0
V
µA
mV
mV
dB
dB
V
µA
MHz
ns
OFFSET/COMP pin open, V
CM = 0V
OFFSET/COMP pin open, V
CM = 0V,
10k
Ω from OFFSET/COMP pin to Gnd,T
J =25°C
0
≤ V
CM ≤ 12V, VIN = 15V
OFFSET/COMP pin open, V
CM = 0V
I
L = 10mA
V
IND = 40V
A
V = 0dB, TJ = 25°C
V
OVERDRIVE = 100mV, TJ = 25°C
+V
IN = 5V, RG = 0, VO = 0
+V
IN = 15V, IO = 100mA
+V
IN = 40V, RL = 1KΩ
REM. ACT. pin = Gnd
REM. ACT pin open
RESET pin = Gnd, REM. ACT. = Gnd
RESET pin open, REM. ACT. = Gnd
R
L = 50Ω, TJ = 25°C, CD = 0
V
REM. ACT. = 0.4V
V
O.V. INPUT = 2.7V
T
J = 25°C
Sense input = 0V
V
D = 0V
I
L = 10mA
V
IND = 40V
V
O.V. INPUT = 2.7V, VU.V. INPUT = 2.3V , TJ = 25°C
C
D = 0
C
D = 1µF


Similar Part No. - SG3543N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3543N MICROSEMI-SG3543N Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
More results

Similar Description - SG3543N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com