Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1548 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1548
Description  QUAD POWER FAULT MONITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1548 Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1548 Datasheet HTML 1Page - Microsemi Corporation SG1548 Datasheet HTML 2Page - Microsemi Corporation SG1548 Datasheet HTML 3Page - Microsemi Corporation SG1548 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 1.2a 3.19.2005
Microsemi, Inc. - Integrated Products
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
SG1548/SG2548/SG3548
QUAD POWER FAULT MONITOR
DESCRIPTION
The SG1548 is an integrated circuit capable of monitoring up to four
positive DC supply voltages simultaneously for overvoltage and
undervoltage fault conditions.
An on-chip inverting op amp also
allows monitoring one negative DC voltage.
The fault tolerance
window is accurately programmable from ±5% to ±40% using a simple
divider network on the 2.5V reference. A single external capacitor sets
the fault indication delay, eliminating false outputs due to switching
noise, logic transition current spikes, and short-term AC line interrup-
tions. An additional comparator referenced to 2.5V allows the AC line
to be monitored for undervoltage conditions or for generation of a line
clock.
The comparator can also be used for programmable
undervoltage lockout in a switching power supply.
Uncommitted
collector and emitter outputs permit both inverting and non-inverting
operation. External availability of the precision 2.5V reference and
open-collector logic outputs permit expansion to monitor additional
voltage using available open-collector quad comparators.
FEATURES
••••• Monitors four DC voltages and the AC line
••••• Precision 2.5V ±1% low-drift reference
••••• Fault tolerance adjustable from ±5% to ±40%
••••• ±3% trip threshold tolerance over temperature
••••• Separate 10mA, 40V overvoltage, undervoltage
and AC line fault outputs
••••• Fault delay programmable with a single capacitor
••••• 30mV comparator hysteresis to prevent oscilla-
tions
••••• On-chip inverting op amp for negative voltage
••••• Open-collector output logic or expandability
••••• Operation from 4.5V to 40V supply
HIGH RELIABILITY FEATURES - SG1548
♦ Available to MIL-STD-883
♦ Radiation data available
♦ LMI level "S" processing available
BLOCK DIAGRAM


Similar Part No. - SG1548

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
SG1548J MICROSEMI-SG1548J Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
SG1548J/883B MICROSEMI-SG1548J/883B Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
SG1548L MICROSEMI-SG1548L Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
SG1548L/883B MICROSEMI-SG1548L/883B Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results

Similar Description - SG1548

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
logo
Littelfuse
PGR-6101 LITTELFUSE-PGR-6101 Datasheet
812Kb / 16P
   GROUND-FAULT & INSULATION MONITOR
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com