Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1548J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG1548J
Description  QUAD POWER FAULT MONITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1548J Datasheet(HTML) 2 Page - Microsemi Corporation

  SG1548J Datasheet HTML 1Page - Microsemi Corporation SG1548J Datasheet HTML 2Page - Microsemi Corporation SG1548J Datasheet HTML 3Page - Microsemi Corporation SG1548J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev 1.2a
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note 1)
SG1548/SG2548/SG3548
Inverting Op Amp Output Current ....................................
Operating Junction Temperature
Hermetic (J, L Packages) .............................................
Plastic (N, DW Packages) ............................................
Storage Temperature Range ............................
Lead Temperature ...........................................................
Supply Voltage (+V
IN) ..........................................................
Fault Output Collector Voltage ............................................
Sense Input Voltage Range .................................
Fault Output Sink Current ................................................
Line Sense Input Current .................................................
Inverting Op Amp Input Current ........................................
40V
40V
-0.3V to 6.0V
20mA
±1mA
-5mA
25mA
150
°C
150
°C
-65
°C to 150°C
300
°C
Note 1. Values beyond which damage may occur.
THERMAL DATA
J Package:
Thermal Resistance-Junction to Case,
θ
JC ................... 30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 80°C/W
N Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
40°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
65°C/W
DW Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
40°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
95°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
120°C/W
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
2.625
3.500
2.375
1.500
±0.6
100
DC Sense Inputs Section
V
PIN 1 = 0.95 x VREF
V
PIN 1 = 0.60 x VREF
V
PIN 1 = 0.95 x VREF
V
PIN 1 = 0.60 x VREF
V
SENSE = 1.5V to 3.5V
+V
IN = 4.5V to 35V
Overvoltage Threshold
Undervoltage Threshold
Input Bias Current
Threshold Supply Rejection
4.5V to 35V
5.0V to 35V
1.5V to 2.45V
±5% to ±40%
0 to 10mA
Supply Voltage Range
±25% Maximum Fault Window (Note 3) ..............
±40% Maximum Fault Window ...........................
Lower Threshold Input Range .............................
Fault Tolerance Window Range ..........................
Fault Output Sink Current Range .............................
Line Sense Output Current Range ...........................
Voltage Reference Output Current ...........................
Operating Ambient Temperature Range
SG1548 .........................................................
SG2548 ...........................................................
SG3548 ...............................................................
0 to 10mA
0 to 10mA
-55
°C to 125°C
-25
°C to 85°C
0
°C to 70°C
Note 2. Range over which the device is functional.
Note 3. Limited by inverter amplifier positive swing at -55
°C.
RECOMMENDED OPERATING CONDITIONS (Note 2)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG1548 with -55
°C ≤ T
A
125
°C, SG2548 with
-25
°C ≤ T
A ≤ 85°C, SG3548 with 0°C ≤ TA ≤ 70°C, and +VIN = 15V. Low duty cycle pulse testing techniques are used which maintains junction and case
temperatures equal to the ambient temperature.)
Reference Section (Note 4)
T
J = 25°C
Over Temperature
+V
IN = 4.5V to 35V
I
L = 0 to 10mA
V
REF = 0V
Output Voltage
Line Regulation
Load Regulation
Short Circuit Current
4.8
+V
IN = 40V
Supply Current
mA
10
Min. Typ. Max.
SG3548
SG1548/2548
Test Conditions
Parameter
Units
Supply Section
-0.4
V
PIN 1 = 1.5V to 2.45V
Input Bias Current
µA
Fault Window Generator Section
Min. Typ. Max.
10
4.8
2.475
2.450
10
2.500
1
3
25
2.525
2.550
5
10
50
2.475
2.450
10
2.500
1
3
25
2.525
2.550
5
10
50
V
V
mV
mV
mA
-2.0
-0.4
-2.0
2.547
3.396
2.304
1.455
60
2.704
3.606
2.447
1.545
±2.0
2.547
3.396
2.304
1.455
60
2.625
3.500
2.375
1.500
±0.6
100
2.704
3.606
2.447
1.545
±2.0
V
V
V
V
µA
dB
Note 4. I
L
= 0mA
Pb-free / RoHS Peak Package Solder Reflow Temp. (40 second max. exposure).. 260°C (+0, -5)


Similar Part No. - SG1548J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548J MICROSEMI-SG1548J Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
SG1548J/883B MICROSEMI-SG1548J/883B Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results

Similar Description - SG1548J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
logo
Littelfuse
PGR-6101 LITTELFUSE-PGR-6101 Datasheet
812Kb / 16P
   GROUND-FAULT & INSULATION MONITOR
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com