Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5009ANX Datasheet(PDF) 2 Page - Rohm

Part # R5009ANX
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R5009ANX Datasheet(HTML) 2 Page - Rohm

  R5009ANX Datasheet HTML 1Page - Rohm R5009ANX Datasheet HTML 2Page - Rohm R5009ANX Datasheet HTML 3Page - Rohm R5009ANX Datasheet HTML 4Page - Rohm R5009ANX Datasheet HTML 5Page - Rohm R5009ANX Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R5009ANX
Data Sheet
2/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.A
Electrical characteristics
(Ta=25
°C)
Parameter
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
Symbol
IGSS
V(BR)DSS
IDSS
VGS(th)
RDS(on)
Ciss
| Yfs
|
Coss
Crss
Min.
500
2.5
2.5
0.55
650
400
30
±100
100
4.5
0.72
nA
VGS
=±30V, VDS=0V
ID
=1mA, VGS=0V
VDS
=500V, VGS=0V
VDS
=10V, ID=1mA
ID
=4.5A, VGS=10V
VDS
=25V
ID
=4.5A, VDS=10V
VGS
=0V
f
=1MHz
V
µA
V
pF
S
pF
pF
td(on)
30
ns
tr
20
VGS
=10V
ns
td(off)
62
RL
=55.6Ω
ns
tf
28
RG
=10Ω
ns
Qg
21
VDD 250V
ID
=9A
VGS
=10V
RL
=27.8Ω / RG=10Ω
nC
Qgd
9
nC
Typ.
Max.
Unit
Conditions
ID
=4.5A, VDD 250V
∗ Pulsed
Qgs
5
nC
Body diode characteristics
(Source-drain) (Ta=25
°C)
VSD
−−
1.5
V
IS= 9A, VGS=0V
Forward voltage
∗ Pulsed
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions


Similar Part No. - R5009ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5009ANJ ROHM-R5009ANJ Datasheet
129Kb / 4P
   10V Drive Nch MOSFET
R5009ANJ ROHM-R5009ANJ Datasheet
272Kb / 6P
   10V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
R5009ANJTL VBSEMI-R5009ANJTL Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Rohm
R5009ANJ ROHM-R5009ANJ_09 Datasheet
272Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R5009ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com