Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2626R Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG2626R
Description  DUAL HIGH SPEED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2626R Datasheet(HTML) 2 Page - Microsemi Corporation

  SG2626R Datasheet HTML 1Page - Microsemi Corporation SG2626R Datasheet HTML 2Page - Microsemi Corporation SG2626R Datasheet HTML 3Page - Microsemi Corporation SG2626R Datasheet HTML 4Page - Microsemi Corporation SG2626R Datasheet HTML 5Page - Microsemi Corporation SG2626R Datasheet HTML 6Page - Microsemi Corporation SG2626R Datasheet HTML 7Page - Microsemi Corporation SG2626R Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
SG1626/SG2626/SG3626
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage (V
CC) ...........................................................
Logic Input Voltage ...............................................................
Source/Sink Output Current (Each Output)
Continuous ...................................................................
Pulse, 500ns ................................................................
22V
7V
±0.5A
±3.0A
Operating Junction Temperature
Hermetic (J, T, Y, R-Packages) ...................................
Plastic (M, DW, L-Packages) .......................................
Storage Temperature Range ............................
Lead Temperature (Soldering, 10 Seconds) ...................
150
°C
150
°C
-65
°C to 150°C
300
°C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to ground. All currents are positive into the
specified terminal.
THERMAL DATA
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 80°C/W
Y Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
50°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 130°C/W
M Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
60°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
95°C/W
DW Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
40°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 95°C/W
T Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
25°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
130°C/W
R Package:
Thermal Resistance-Junction to Case,
θ
JC .................
5.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
40°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
120°C/W
Note A.
Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
V
IN = 2.4V
V
IN = 5.5V
V
IN = 0V
I
IN = -10mA
I
OUT = -200mA
I
OUT = 200mA
V
IN = 2.4V (both inputs)
V
IN = 0V (both inputs)
Logic 1 Input Voltage
Logic 0 Input Voltage
Input High Current
Input High Current
Input Low Current
Input Clamp Voltage
Output High Voltage (Note 4)
Output Low Voltage (Note 4)
Supply Current Outputs Low
Supply Current Outputs High
0.7
500
1.0
-4
-1.5
1.0
27
12
V
V
µA
mA
mA
V
V
V
mA
mA
2.0
V
CC-3
18
7.5
-55
°C to 125°C
-25
°C to 85°C
0
°C to 70°C
Note 2. Range over which the device is functional.
Note 3. AC performance has been optimized for V
CC
= 8V to 20V.
Supply Voltage (V
CC) ..................................
Frequency Range ...............................................
Peak Pulse Current ............................................................
Logic Input Voltage ................................................
4.5V to 20V (Note 3)
DC to 1.5MHz
±3A
-0.5 to 5.5V
Operating Ambient Temperature Range (T
J)
SG1626 .........................................................
SG2626 ...........................................................
SG3626 ..............................................................
RECOMMENDED OPERATING CONDITIONS (Note 2)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specfiications apply over the operating ambient temperatures for SG1626 with -55
°C ≤ T
A ≤ 125°C, SG2626 with -
25
°C ≤ T
A ≤ 85°C, SG3626 with 0°C ≤ TA ≤ 70°C, and VCC = 20V. Low duty cycle pulse testing techniques are used which maintains junction and case
temperatures equal to the ambient temperature.)
Test Conditions
Parameter
Static Characteristics
Units
SG1626/2626/3626
Min.
Typ. Max.
Note 4. V
CC = 10V to 20V.
RoHS Peak Package Solder Reflow Temp. (40 sec. max. exp.)...... 260°C (+0, -5)


Similar Part No. - SG2626R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2626R MICROSEMI-SG2626R Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
More results

Similar Description - SG2626R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
   Dual High Speed Laser Driver
logo
National Semiconductor ...
DS0026 NSC-DS0026 Datasheet
184Kb / 8P
   Dual High-Speed MOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com