Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8740 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8740 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
WM8740
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.7 July 2000
4
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
-10%
3.3 to 5
+10%
V
Analogue supply range
AVDD
-10%
3.3 to 5
+10%
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
15
mA
Digital supply current
DVDD = 5V
15
mA
Analogue supply current
AVDD = 3.3V
15
mA
Digital supply current
DVDD = 3.3V
9
mA
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Circuit Specifications
Mono fs @ 48kHz
120
dB
Stereo fs @ 48kHz
110
117
dB
SNR
(See Note 1)
Stereo fs @ 96kHz
116
dB
Mono 0dB
-104
dB
THD (full-scale)
(See Note 2)
Stereo 0dB
-95
-104
dB
THD+N (Dynamic range)
(See Note 2)
-60dB
117
dB
Filter Characteristics (Sharp Roll-off)
Passband
±0.0012 dB
0.4535fs
dB
Stopband
-3dB
0.491fs
Passband ripple
±0.0012
dB
Stopband attenuation
f > 0.5465fs
-82
dB
Delay time
30/fs
s
Filter Characteristics (Slow Roll-off)
Passband
±0.001dB
0.274fs
Stopband
-3dB
0.459fs
Passband ripple
±0.001
dB
Stopband attenuation
f > 0.732fs
-82
dB
Delay time
9/fs
s
Internal Analogue Filter
Bandwidth
-3dB
195
kHz
Passband edge response
20kHz
-0.043
dB
Digital Logic Levels
Input LOW level
VIL
0.8
Input HIGH level
VIH
2.0
V
Output LOW level
VOL
IOL = 2mA
AVSS + 0.3V
V
Output HIGH level
VOH
IOH = 2mA
AVDD - 0.3V


Similar Part No. - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740 Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8740EDS WOLFSON-WM8740EDS Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS WOLFSON-WM8740SEDS Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS/RV WOLFSON-WM8740SEDS/RV Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
More results

Similar Description - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
   High Performance 24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
351Kb / 21P
   High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
   24-bit, 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com