Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS709LLFTR-35BB-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS709LLFTR-35BB-T
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709LLFTR-35BB-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS709LLFTR-35BB-T Datasheet HTML 3Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 4Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 5Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 6Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 7Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 8Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 9Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 10Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics
Characteristic
Symbol
Test Conditions
Value
Units
Steady State Package Thermal Resistance
RθJA
Tested with 30 A DC current and based on ACS709 demo
board in 1 cu. ft. of still air. Please refer to product FAQs
page on Allegro web site for detailed information on
ACS709 demo board.
21
ºC/W
Transient Package Thermal Resistance
RTθJA
Tested with 30 A DC current and based on ACS709 demo
board in 1 cu. ft. of still air. Please refer to product FAQs
page on Allegro web site for detailed information on
ACS709 demo board.
See graph
ºC/W
0
2
4
6
8
10
12
14
16
18
20
22
0.01
0.1
1
10
100
1000
Time (Sec)
ACS709 Transient Package Thermal Resistance
On 85--0444 Demo Board (No Al Plate)


Similar Part No. - ACS709LLFTR-35BB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS709 ALLEGRO-ACS709 Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
   High-Bandwidth, Fast Fault Response Current Sensor IC
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
More results

Similar Description - ACS709LLFTR-35BB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
   High-Bandwidth, Fast Fault Response Current Sensor IC
logo
Seoul Semiconductor
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
   Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
   Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
   Thermally Enhanced Package Design
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
   Current Sensor IC in VA package
logo
Seoul Semiconductor
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
   Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
   Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com