Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS709LLFTR-35BB-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS709LLFTR-35BB-T
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709LLFTR-35BB-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS709LLFTR-35BB-T Datasheet HTML 1Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 2Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 3Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 4Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 5Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 6Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 7Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 8Page - Allegro MicroSystems ACS709LLFTR-35BB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
IP–
VZCR
FILTER
GND
VIOUT
Drain
IP+
FAULT
Signal
Recovery
VOUT(Q)
Trim
Sensitivity
Trim
R
Q
CLK
D
VOC
VCC
POR
FAULT Reset
3 mA
2VREF
POR
Hall
Bias
Control
Logic
FAULT_EN
+
+
Fault
Comparator
Hall
Amplifier
RF(INT)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
IP+
IP+
IP+
IP+
IP+
IP+
IP–
IP–
IP–
IP–
IP–
IP–
NC
NC
FAULT_EN
VOC
VCC
FAULT
VIOUT
FILTER
VZCR
GND
NC
NC
Terminal List Table
Number
Name
Description
1 through 6
IP+
Sensed current copper conduction path pins. Terminals for current being sensed;
fused internally, loop to IP– pins; unidirectional or bidirectional current flow.
7 through 12
IP–
Sensed current copper conduction path pins. Terminals for current being sensed;
fused internally, loop to IP+ pins; unidirectional or bidirectional current flow.
13, 14, 23, 24
NC
No connection
15
GND
Device ground connection.
16
VZCR
Voltage Reference Output pin. Zero current (0 A) reference; output voltage on this
pin scales with VCC.
17
FILTER
Filter pin. Terminal for an external capacitor connected from this pin to GND to set
the device bandwidth.
18
VIOUT
Analog Output pin. Output voltage on this pin is proportional to current flowing
through the loop between the IP+ pins and IP– pins.
19
¯F¯¯A¯U¯¯L¯¯T¯
Overcurrent Fault pin. When current flowing between IP+ pins and IP– pins
exceeds the overcurrent fault threshold, this pin transitions to a logic low state.
20
VCC
Supply voltage.
21
VOC
Overcurrent Input pin. Analog input voltage on this pin sets the overcurrent fault
threshold.
22
FAULT_EN Enables overcurrent faulting when high. Resets ¯F¯¯A¯U¯¯L¯¯T¯ when low.
Functional Block Diagram
Pin-out Diagram


Similar Part No. - ACS709LLFTR-35BB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS709 ALLEGRO-ACS709 Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
   High-Bandwidth, Fast Fault Response Current Sensor IC
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
More results

Similar Description - ACS709LLFTR-35BB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
   High-Bandwidth, Fast Fault Response Current Sensor IC
logo
Seoul Semiconductor
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
   Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
   Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
   Thermally Enhanced Package Design
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
   Current Sensor IC in VA package
logo
Seoul Semiconductor
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
   Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
   Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com