Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1120ELHLT-T2 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1120ELHLT-T2
Description  Chopper Stabilized Precision Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1120ELHLT-T2 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1120ELHLT-T2 Datasheet HTML 1Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 2Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 3Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1120ELHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The A1120, A1121, and A1125 Hall-effect, unipolar switches
are extremely temperature-stable and stress-resistant sensor
ICs, especially suited for operation over extended temperature
ranges to 150°C. Superior high-temperature performance is
made possible through dynamic offset cancellation, which
reduces the residual offset voltage normally caused by device
overmolding, temperature dependencies, and thermal stress.
Each device includes on a single silicon chip a voltage regulator,
Hall-voltage generator, small-signal amplifier, chopper
stabilization, Schmitt trigger, and a short-circuit protected
open-drain output to sink up to 25 mA.
An on-board regulator permits operation with supply voltages
of 3 to 24 V. The advantage of operating down to 3 V is that
the device can be used in 3 V applications or with additional
external resistance in series with the supply pin for greater
protection against high voltage transient events.
For the A1120 and A1121, a south pole of sufficient strength
turns the output on. Removal of the magnetic field turns the
output off. The A1125 is complementary, in that for these
devices, a south pole turns the A1125 output off, and removal
of the magnetic field turns the output on.
Two package styles provide a magnetically optimized package
for most applications. Package type LH is a modified SOT23W,
surface mount package, while UAis a three-lead ultra-mini SIP
for through-hole mounting. Each package type is lead (Pb) free
(suffix, –T), with a 100% matte tin plated leadframe.
A1120-DS, Rev. 11
Features and Benefits
▪ Unipolar switchpoints
▪ Resistant to physical stress
▪ Superior temperature stability
▪ Output short-circuit protection
▪ Operation from unregulated supply
▪ Reverse battery protection
▪ Solid-state reliability
▪ Small package sizes
Chopper Stabilized Precision Hall Effect Switches
Packages:
Functional Block Diagram
Not to scale
A1120, A1121, and A1125
3-pin SOT23W (suffix LH)
3-pin SIP (suffix UA)
Regulator
GND
VCC
VOUT
Control
Current Limit
To All Subcircuits
Amp
Low-Pass
Filter


Similar Part No. - A1120ELHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120ELHLT-T2 ALLEGRO-A1120ELHLT-T2 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A1120ELHLT-T2 ALLEGRO-A1120ELHLT-T2 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results

Similar Description - A1120ELHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
1120 ALLEGRO-1120_V12 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com