Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4402ELPTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A4402ELPTR-T
Description  Constant On-Time Buck Converter with Integrated Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4402ELPTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A4402ELPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A4402ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Constant On-Time Buck Converter
with Integrated Linear Regulator
A4402
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VIN1
VIN1
ENB
VSW
VLIN
NPOR
UVLO Rising
UVLO Rising
tpor
tss
UVLO Falling
UVLO Falling
6 V
18 V
VSW
VLIN
NPOR
tpor
tss
VPOR
VCTSET
UVLO Rising
tpor
UVLO Rising
tpor
tss
Power-Up and Power-Down Timing Diagrams
Using ENB
Using VIN1


Similar Part No. - A4402ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4402ELPTR-T ALLEGRO-A4402ELPTR-T Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A4402ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4402KLPTR-T ALLEGRO-A4402KLPTR-T Datasheet
326Kb / 17P
   Constant On-Time Buck Converter With Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM2696 TI-LM2696_15 Datasheet
967Kb / 28P
[Old version datasheet]   LM2696 3A, Constant On Time Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com