Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4986 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4986
Description  DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4986 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4986 Datasheet HTML 1Page - Allegro MicroSystems A4986 Datasheet HTML 2Page - Allegro MicroSystems A4986 Datasheet HTML 3Page - Allegro MicroSystems A4986 Datasheet HTML 4Page - Allegro MicroSystems A4986 Datasheet HTML 5Page - Allegro MicroSystems A4986 Datasheet HTML 6Page - Allegro MicroSystems A4986 Datasheet HTML 7Page - Allegro MicroSystems A4986 Datasheet HTML 8Page - Allegro MicroSystems A4986 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DMOS Dual Full-Bridge PWM Motor Driver
with Overcurrent Protection
A4986
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS1 at TA = 25°C, VBB = 35 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ.2
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
8
35
V
During Sleep Mode
0
35
V
Logic Supply Voltage Range
VDD
Operating
3.0
5.5
V
Output On Resistance
RDSON
Source Driver, IOUT = –1.5 A
320
430
Sink Driver, IOUT = 1.5 A
320
430
Body Diode Forward Voltage
VF
Source Diode, IF = –1.5 A
1.3
V
Sink Diode, IF = 1.5 A
1.3
V
Motor Supply Current
IBB
fPWM < 50 kHz
4
mA
Operating, outputs disabled
2
mA
Sleep Mode
10
μA
Logic Supply Current
IDD
fPWM < 50 kHz
8
mA
Outputs off
5
mA
Sleep Mode
10
μA
Control Logic
Logic Input Voltage
VIN(1)
VDD0.7
––
V
VIN(0)
––
VDD0.3
V
Logic Input Current
IIN(1)
VIN = VDD0.7
–20
<1.0
20
μA
IIN(0)
VIN = VDD0.3
–20
<1.0
20
μA
Logic Input Pull-down
RIN02
100
RIN12
–50–
Logic Input Hysteresis
VHYS(IN)
As a % of VDD
511
19
%
Blank Time
tBLANK
0.7
1
1.3
μs
Fixed Off-Time
tOFF
OSC = VDD or GND
20
30
40
μs
ROSC = 25 kΩ
23
30
37
μs
Reference Input Voltage Range
VREF
0–4
V
Reference Input Current
IREF
–3
0
3
μA
Current Trip-Level Error3
errI
VREF = 2 V, %ITripMAX = 33.3%
±15
%
VREF = 2 V, %ITripMAX = 66.7%
±5
%
VREF = 2 V, %ITripMAX = 100.00%
±5
%
Crossover Dead Time
tDT
100
475
800
ns
Protection
Overcurrent Protection Threshold
IOCPST
2.1
A
Thermal Shutdown Temperature
TTSD
165
°C
Thermal Shutdown Hysteresis
TTSDHYS
–15–°C
VDD Undervoltage Lockout
VDDUVLO
VDD rising
2.7
2.8
2.9
V
VDD Undervoltage Hysteresis
VDDUVLOHYS
–90–
mV
1For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for individual
units, within the specified maximum and minimum limits.
3VERR = [(VREF/8) – VSENSE] / (VREF/8).


Similar Part No. - A4986

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4986 ALLEGRO-A4986 Datasheet
420Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4986 ALLEGRO-A4986_12 Datasheet
420Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
More results

Similar Description - A4986

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4987 ALLEGRO-A4987 Datasheet
449Kb / 16P
   DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
A4986 ALLEGRO-A4986_12 Datasheet
420Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4987 ALLEGRO-A4987_12 Datasheet
399Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com