Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4986 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A4986
Description  DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4986 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A4986 Datasheet HTML 2Page - Allegro MicroSystems A4986 Datasheet HTML 3Page - Allegro MicroSystems A4986 Datasheet HTML 4Page - Allegro MicroSystems A4986 Datasheet HTML 5Page - Allegro MicroSystems A4986 Datasheet HTML 6Page - Allegro MicroSystems A4986 Datasheet HTML 7Page - Allegro MicroSystems A4986 Datasheet HTML 8Page - Allegro MicroSystems A4986 Datasheet HTML 9Page - Allegro MicroSystems A4986 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DMOS Dual Full-Bridge PWM Motor Driver
with Overcurrent Protection
A4986
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Functional Description
Device Operation. The A4986 is designed to operate one
stepper motor in full, half, or quarter step mode. The currents in
each of the output full-bridges, all N-channel DMOS, are regu-
lated with fixed off-time pulse width modulated (PWM) control
circuitry. Each full-bridge peak current is set by the value of
an external current sense resistor, RSx, and a reference voltage,
VREFx.
Percentages of the peak current are set using a 2-bit nonlinear
DAC that programs 33%, 66%, or 100% of the peak current, or
disables the outputs.
Internal PWM Current Control. Each full-bridge is con-
trolled by a fixed off-time PWM current control circuit that limits
the load current to a desired value, ITRIP. Initially, a diagonal pair
of source and sink FET outputs are enabled and current flows
through the motor winding and the current sense resistor, RSx.
When the voltage across RSx equals the DAC output voltage, the
current sense comparator resets the PWM latch. The latch then
turns off the sink and source FETs.
The maximum value of current limiting is set by the selection of
RSx and the voltage at the VREF pin. The transconductance func-
tion is approximated by the maximum value of current limiting,
ITripMAX (A), which is set by
ITripMAX = VREF /(8
R
S)
where RS is the resistance of the sense resistor (Ω) and VREF is
the input voltage on the REF pin (V).
The 2-bit DAC output reduces the VREF output to the current
sense comparator in precise steps, such that
Itrip = (%ITripMAX /100)
× ITripMAX
It is critical that the maximum rating (0.5 V) on the SENSE1 and
SENSE2 pins is not exceeded.
Fixed Off-Time. The internal PWM current control circuitry
uses a one-shot circuit to control the duration of time that the
DMOS FETs remain off. The off-time, tOFF, is determined by the
ROSC terminal. The ROSC terminal has two settings:
▪ ROSC tied to VDD or ground — off-time internally set to
30 μs
▪ ROSC through a resistor to ground — off-time is determined
by the following formula
tOFF ≈ ROSC ⁄ 825
Where tOFF is in μs.
Blanking. This function blanks the output of the current sense
comparators when the outputs are switched by the internal
current control circuitry. The comparator outputs are blanked
to prevent false overcurrent detection due to reverse recovery
currents of the clamp diodes, and switching transients related
to the capacitance of the load. The blank time, tBLANK (μs), is
approximately
tBLANK ≈ 1 μs
Shorted-Load and Short-to-Ground Protection.
If the motor leads are shorted together, or if one of the leads is
shorted to ground, the driver will protect itself by sensing the
overcurrent event and disabling the driver that is shorted, protect-
ing the device from damage. In the case of a short-to-ground, the
device will remain disabled (latched) until the S¯¯L¯¯E¯¯E¯¯P¯ input goes
high or VDD power is removed. A short-to-ground overcurrent
event is shown in figure 1.
When the two outputs are shorted together, the current path is
through the sense resistor. After the blanking time (
≈1 μs) expires,
the sense resistor voltage is exceeding its trip value, due to the
overcurrent condition that exists. This causes the driver to go into
a fixed off-time cycle. After the fixed off-time expires the driver
turns on again and the process repeats. In this condition the driver
is completely protected against overcurrent events, but the short
is repetitive with a period equal to the fixed off-time of the driver.
This condition is shown in figure 2.
If the driver is operating in Mixed decay mode, it is normal for
the positive current to spike, due to the bridge going in the for-
ward direction and also in the negative direction, as a result of the
direction change implemented by the Mixed decay feature. This
is shown in figure 3. In both instances the overcurrent circuitry is
protecting the driver and prevents damage to the device.
Charge Pump (CP1 and CP2). The charge pump is used to
generate a gate supply greater than that of VBB for driving the
Functional Description


Similar Part No. - A4986

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4986 ALLEGRO-A4986 Datasheet
420Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4986 ALLEGRO-A4986_12 Datasheet
420Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
More results

Similar Description - A4986

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4987 ALLEGRO-A4987 Datasheet
449Kb / 16P
   DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
A4986 ALLEGRO-A4986_12 Datasheet
420Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4987 ALLEGRO-A4987_12 Datasheet
399Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com