Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4985SLPTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4985SLPTR-T
Description  DMOS Microstepping Driver with Translator and Overcurrent Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4985SLPTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4985SLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4985SLPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DMOS Microstepping Driver with Translator
and Overcurrent Protection
A4985
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
In Mixed decay mode, the device is set initially to a fast decay for
a proportion of the fixed off-time, then to a slow decay for the
remainder of the off-time. Mixed decay current control results in
reduced audible motor noise, increased step accuracy, and reduced
power dissipation.
Internal synchronous rectification control circuitry is provided
to improve power dissipation during PWM operation. Internal
circuit protection includes: thermal shutdown with hysteresis,
undervoltage lockout (UVLO), and crossover-current protection.
Special power-on sequencing is not required.
The A4985 is supplied in three surface mount packages: two QFN
packages, the 4 mm × 4 mm, 0.75 mm nominal overall height ES
package, and the 5 mm × 5 mm × 0.90 mm ET package. The LP
package is a 24-pin TSSOP. All three packages have exposed pads
for enhanced thermal dissipation, and are lead (Pb) free (suffix –T),
with 100% matte tin plated leadframes.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
35
V
Output Current
IOUT
±1
A
Logic Input Voltage
VIN
–0.3 to 5.5
V
Logic Supply Voltage
VDD
–0.3 to 5.5
V
VBBx to OUTx
35
V
Sense Voltage
VSENSE
0.5
V
Reference Voltage
VREF
5.5
V
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Maximum Junction
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Selection Guide
Part Number
Package
Packing
A4985SESTR-T
24-contact QFN with exposed thermal pad
1500 pieces per 7-in. reel
A4985SETTR-T
32-contact QFN with exposed thermal pad
1500 pieces per 7-in. reel
A4985SLPTR-T
24-pin TSSOP with exposed thermal pad
4000 pieces per 13-in. reel


Similar Part No. - A4985SLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4985SLPTR-T ALLEGRO-A4985SLPTR-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
More results

Similar Description - A4985SLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4988 ALLEGRO-A4988 Datasheet
377Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com