Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4988SETTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4988SETTR-T
Description  DMOS Microstepping Driver with Translator and Overcurrent Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4988SETTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4988SETTR-T Datasheet HTML 1Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 2Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 3Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 4Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 5Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 6Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 7Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 8Page - Allegro MicroSystems A4988SETTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DMOS Microstepping Driver with Translator
and Overcurrent Protection
A4988
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
4988-DS
Internal synchronous rectification control circuitry is provided
to improve power dissipation during PWM operation. Internal
circuit protection includes: thermal shutdown with hysteresis,
undervoltage lockout (UVLO), and crossover-current protection.
Special power-on sequencing is not required.
TheA4988 is supplied in a surface mount QFN package (ES), 5 mm
× 5 mm, with a nominal overall package height of 0.90 mm and an
exposed pad for enhanced thermal dissipation. It is lead (Pb) free
(suffix –T), with 100% matte tin plated leadframes.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
35
V
Output Current
IOUT
±2
A
Logic Input Voltage
VIN
–0.3 to 5.5
V
Logic Supply Voltage
VDD
–0.3 to 5.5
V
VBBx to OUTx
35
V
Sense Voltage
VSENSE
0.5
V
Reference Voltage
VREF
5.5
V
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Maximum Junction
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Selection Guide
Part Number
Package
Packing
A4988SETTR-T
28-contact QFN with exposed thermal pad
1500 pieces per 7-in. reel


Similar Part No. - A4988SETTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4988SET-T ALLEGRO-A4988SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
More results

Similar Description - A4988SETTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com