Electronic Components Datasheet Search |
|
SG1644Y Datasheet(PDF) 3 Page - Microsemi Corporation |
|
SG1644Y Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 8 page Rev 1.2a Copyright © 1997 11861 Western Avenue ∞ ∞ ∞ ∞ ∞ Garden Grove, CA 92841 3 (714) 898-8121 ∞ ∞ ∞ ∞ ∞ FAX: (714) 893-2570 SG1644/SG2644/SG3644 ELECTRICAL CHARACTERISTICS (continued) C L = 1000pF (Note 5) C L = 2500pF C L = 1000pF (Note 5) C L = 2500pF C L = 1000pF (Note 5) C L = 2500pF C L = 1000pF (Note 5) C L = 2500pF C L = 2500pF, Freq. = 200KHz Duty Cycle = 50% ns ns ns ns ns ns ns ns mA Dynamic Characteristics (Note 6) Propagation Delay High-Low (TPHL) Propagation Delay Low-High (TPLH) Rise Time (TTLH) Fall Time (TTHL) Supply Current (I CC) (both outputs) Min. Typ. Max. 40 50 30 40 35 50 30 50 40 Min. Typ. Max. 30 35 25 30 30 40 25 40 35 26 18 30 30 30 SG1644 T A=-55 ° °°°°C to 125°°°°°C Test Conditions (Figure 1) Parameter Note 5. These parameters, specified at 1000pF, although guaranteed over recommended operating conditions, are not tested in production. Note 6. V CC = 15V. AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS - FIGURE 1 FIGURE 4. TRANSITION TIMES VS. AMBIENT TEMPERATURE FIGURE 3. PROPAGATION DELAY VS. SUPPLY VOLTAGE FIGURE 2. TRANSITION TIMES VS. SUPPLY VOLTAGE CHARACTERISTIC CURVES SG1644/2644/3644 T A = 25 °°°°°C Units |
Similar Part No. - SG1644Y |
|
Similar Description - SG1644Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |