Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0612A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0612A
Description  IF SAW Filter 38.9 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0612A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0612A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0612A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0612A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0612A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E. Outline Drawing:
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
6 1 2
T ∆ □
Pin No. Functions
1.
Input
2.
Input - ground
3.
Chip carrier - ground
4.
Output
5.
Output
: Week Code (Follow the table from planner each year)
: Product / Year Code


Similar Part No. - TB0612A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0610A TAI-SAW-TB0610A Datasheet
264Kb / 8P
   SAW Filter 350MHz SMD 5.0횞5.0mm
logo
Golledge Electronics Lt...
TB0610A GOLLEDGE-TB0610A Datasheet
125Kb / 7P
   SAW Filter 350MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0611A TAI-SAW-TB0611A Datasheet
201Kb / 8P
   SAW Filter 495 MHz SMD 5.0mmX5.0mm
TB0613A TAI-SAW-TB0613A Datasheet
249Kb / 7P
   SAW Filter 283.5MHz SMD 5X7 mm
logo
Golledge Electronics Lt...
TB0613A GOLLEDGE-TB0613A Datasheet
142Kb / 6P
   SAW Filter 283.50MHz
More results

Similar Description - TB0612A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA36EF TRANSKO-TA36EF Datasheet
425Kb / 3P
   38.9 MHz IF SAW Filter
Revision 1: 29. Oct. 2007
logo
Oscilent Corporation
835-IF38.9M-E OSCILENT-835-IF38.9M-E_14 Datasheet
119Kb / 4P
   38.9 MHz IF SAW Filter
logo
Transko Electronics, In...
TA36FF TRANSKO-TA36FF Datasheet
356Kb / 3P
   38.9 MHz IF SAW Filter
Revision 5: 29. Oct. 2007
logo
TAI-SAW TECHNOLOGY CO.,...
TB0808A TAI-SAW-TB0808A Datasheet
350Kb / 5P
   IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0809A TAI-SAW-TB0809A Datasheet
358Kb / 5P
   IF SAW Filter 33.9 & 38.9 MHz for Audio Applications
TB0807A TAI-SAW-TB0807A Datasheet
358Kb / 4P
   IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0834A TAI-SAW-TB0834A Datasheet
379Kb / 5P
   IF SAW Filter 33.9 & 38.9 MHz for Video Applications
logo
Oscilent Corporation
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
   120.0 MHz IF SAW Filter
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
logo
Oscilent Corporation
815-IF43.5M-C OSCILENT-815-IF43.5M-C_14 Datasheet
136Kb / 4P
   43.5 MHz IF SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com