Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0692A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0692A
Description  IF SAW Filter 35.225 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0692A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0692A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0692A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0692A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0692A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL : 886-3-4690038
FAX : 886-3-4697532
E-mail : tstsales@ms52.hinet.net Web: www.taisaw.com
IF SAW Filter 35.225 MHz
MODEL NO.: TB0692A
REV. NO.:2
A. FEATURES:
1.IF Filter for Digital Cable TV
B. MAXIMUM RATING:
1.DC voltage: 12 V.
2.AC voltage: 10 V.
3.Storage Temperature: -40°C to +85 °C.
4.Operating Temperature: -25 °C to +65 °C
Terminating source impedance ZS=50Ω
Terminating load impedance
ZL=2kΩ//3 pF
C. ELECTRICAL CHARACTERISTICS:
Attenuation ( ref. : 35.225 MHz):
MIN.
TYP.
MAX.
Center frequency fc
Center frequency between 3dB point
-
35.225
-
MHz
Insertion attenuation
Reference level for the
Following data 35.23 MHz
20.7
21.5
23.7
dB
1dB Pass Bandwidth
-
7.0
-
MHz
3dB Pass Bandwidth
-
7.7
-
MHz
30dB Pass Bandwidth
-
9.4
-
MHz
31.43 MHz
-
2.6
-
dB
38.81 MHz
-
2.0
-
dB
31.20 MHz
-
4.3
-
dB
39.00 MHz
-
3.6
-
dB
30.00 MHz
33.0
46.0
-
dB
Lower side lobe
25.00-28.60 MHz
28.60-30.00 MHz
35.0
31.0
40.0
42.0
-
-
dB
dB
Upper side lobe
40.15-43.10 MHz
43.10-45.00 MHz
30.0
34.0
33.0
40.0
-
-
dB
dB
Reflected Wave Signal Suppression
42.0
50.0
dB
Feed through Signal Suppression
-
54.0
dB
Group delay ripple
31.20-39.00 MHz
-
50
-
ns
Impedance at 35.225 MHz
Input Impedance
Output Impedance
-
5.8||10.9
3.5||3.1
-
K
Ω||pF
K
Ω||pF
Temperature Coefficient of frequency
-
-72.0
-
ppm/K


Similar Part No. - TB0692A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0691A TAI-SAW-TB0691A Datasheet
269Kb / 7P
   SAW Filter 70MHz 1.3MHz BW (SMD 13.3횞6.5 mm)
logo
Golledge Electronics Lt...
TB0691A GOLLEDGE-TB0691A Datasheet
143Kb / 6P
   SAW Filter: 70.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0693A TAI-SAW-TB0693A Datasheet
270Kb / 7P
   SAW Filter 70MHz 0.8MHz BW (SMD 13.3횞6.5 mm)
logo
Golledge Electronics Lt...
TB0693A GOLLEDGE-TB0693A Datasheet
73Kb / 6P
   SAW Filter: 70MHz (BW = 0.8MHz) (SMD 13.3 횞 6.5mm)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0695A TAI-SAW-TB0695A Datasheet
287Kb / 7P
   SAW Filter 138.24MHz 76MHz BW (SMD 5횞7 mm)
More results

Similar Description - TB0692A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
   120.0 MHz IF SAW Filter
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
logo
Oscilent Corporation
815-IF43.5M-C OSCILENT-815-IF43.5M-C_14 Datasheet
136Kb / 4P
   43.5 MHz IF SAW Filter
logo
Transko Electronics, In...
TF-011001-SE0 TRANSKO-TF-011001-SE0 Datasheet
500Kb / 3P
   110.00 MHz IF SAW Filter
Revision 0: Oct. 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TB0796A TAI-SAW-TB0796A Datasheet
340Kb / 5P
   IF SAW Filter 38 MHz
TB0197A TAI-SAW-TB0197A Datasheet
171Kb / 4P
   IF SAW Filter 110.592 MHz
TB0260A TAI-SAW-TB0260A Datasheet
819Kb / 8P
   IF SAW Filter 168.5 MHz
TB0410A TAI-SAW-TB0410A Datasheet
275Kb / 7P
   IF SAW Filter 200 MHz
TB0612A TAI-SAW-TB0612A Datasheet
321Kb / 4P
   IF SAW Filter 38.9 MHz
TB0797A TAI-SAW-TB0797A Datasheet
356Kb / 5P
   IF SAW Filter 36.17 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com