Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUM002N05 Datasheet(PDF) 4 Page - Rohm

Part # RUM002N05
Description  1.2V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUM002N05 Datasheet(HTML) 4 Page - Rohm

  RUM002N05 Datasheet HTML 1Page - Rohm RUM002N05 Datasheet HTML 2Page - Rohm RUM002N05 Datasheet HTML 3Page - Rohm RUM002N05 Datasheet HTML 4Page - Rohm RUM002N05 Datasheet HTML 5Page - Rohm RUM002N05 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.A
Data Sheet
RUM002N05
0.1
1
0.001
0.01
0.1
1
VDS= 10V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
0
1
2
3
4
5
6
7
8
9
10
05
10
Ta=25°C
Pulsed
ID=200mA
ID= 20mA
0.01
0.1
1
00.5
11.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0.1
1
10
100
1000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
1
10
100
1000
0.01
0.1
1
tf
td(on)
td(off)
Ta=25°C
VDD=30V
VGS=4.5V
RG=10
Pulsed
tr
Fig.11 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.12 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
Fig.13 Switching Characteristics
SOURCE-DRAIN VOLTAGE : VSD [V]
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
DRAIN-SOURCE VOLTAGE : VDS[V]
Fig.10 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : ID[A]


Similar Part No. - RUM002N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RUM002N05T2L ROHM-RUM002N05T2L Datasheet
130Kb / 7P
   1.2V Drive Nch MOSFET
More results

Similar Description - RUM002N05

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K33 ROHM-EM6K33 Datasheet
198Kb / 6P
   1.2V Drive Nch Nch MOSFET
VT6K1 ROHM-VT6K1 Datasheet
1Mb / 6P
   1.2V Drive Nch Nch MOSFET
EM6K7 ROHM-EM6K7 Datasheet
223Kb / 5P
   1.2V Drive NchNch MOSFET
UM6K33N ROHM-UM6K33N_10 Datasheet
193Kb / 6P
   1.2V Drive Nch Nch MOSFET
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUC002N05 ROHM-RUC002N05 Datasheet
205Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUU002N05_1006 ROHM-RUU002N05_1006 Datasheet
209Kb / 6P
   1.2V Drive Nch MOSFET
RUB002N02 ROHM-RUB002N02 Datasheet
1Mb / 7P
   1.2V Drive Nch MOSFET
RU1C002UN ROHM-RU1C002UN Datasheet
964Kb / 6P
   1.2V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com