Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUR020N02 Datasheet(PDF) 3 Page - Rohm

Part # RUR020N02
Description  1.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUR020N02 Datasheet(HTML) 3 Page - Rohm

  RUR020N02 Datasheet HTML 1Page - Rohm RUR020N02 Datasheet HTML 2Page - Rohm RUR020N02 Datasheet HTML 3Page - Rohm RUR020N02 Datasheet HTML 4Page - Rohm RUR020N02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.05 - Rev.A
Data Sheet
RUR020N02
Electrical characteristics curves
0.1
1
10
0.01
0.1
1
10
VDS= 10V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
10
100
1000
0.01
0.1
1
10
VGS= 1.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
10
100
1000
0.01
0.1
1
10
VGS= 1.8V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
VGS= 1.2V
VGS= 1.3V
VGS= 1.5V
VGS= 1.8V
VGS= 10V
VGS= 4.5V
VGS= 2.5V
Ta=25°C
Pulsed
0.001
0.01
0.1
1
10
00.5
11.5
2
VDS= 10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
10
100
1000
0.01
0.1
1
10
VGS= 1.5V
VGS= 1.8V
VGS= 2.5V
VGS= 4.5V
Ta= 25°C
Pulsed
0
1
2
3
4
02
46
8
10
Ta=25°C
Pulsed
VGS= 4.5V
VGS= 2.5V
VGS= 1.8V
VGS= 1.2V
VGS= 1.3V
VGS= 1.5V
10
100
1000
0.01
0.1
1
10
VGS= 4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
10
100
1000
0.01
0.1
1
10
VGS= 2.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.9 Forward Transfer Admittance
vs. Drain Current
DRAIN-SOURCE VOLTAGE : VDS[V]
DRAIN-SOURCE VOLTAGE : VDS[V]
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
DRAIN-CURRENT : ID[A]
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅴ)
DRAIN-CURRENT : ID[A]


Similar Part No. - RUR020N02

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
RUR040N02 VECTRON-RUR040N02 Datasheet
104Kb / 5P
   1.5V Drive Nch MOSFET
logo
Rohm
RUR040N02 ROHM-RUR040N02 Datasheet
106Kb / 5P
   1.5V Drive Nch MOSFET
RUR040N02 ROHM-RUR040N02 Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUR040N023000 ROHM-RUR040N023000 Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUR040N02FRA ROHM-RUR040N02FRA Datasheet
2Mb / 14P
   Nch 20V 4A Small Signal MOSFET
More results

Similar Description - RUR020N02

ManufacturerPart #DatasheetDescription
logo
Rohm
RUQ050N02 ROHM-RUQ050N02_10 Datasheet
1Mb / 5P
   1.5V Drive Nch MOSFET
RUL035N02 ROHM-RUL035N02 Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUQ050N02 ROHM-RUQ050N02 Datasheet
111Kb / 5P
   1.5V Drive Nch MOSFET
RW1C020UN ROHM-RW1C020UN Datasheet
230Kb / 5P
   1.5V Drive Nch MOSFET
TT8K1 ROHM-TT8K1 Datasheet
312Kb / 6P
   1.5V Drive Nch MOSFET
RUF025N02 ROHM-RUF025N02 Datasheet
109Kb / 5P
   1.5V Drive Nch MOSFET
logo
Vectron International, ...
RUR040N02 VECTRON-RUR040N02 Datasheet
104Kb / 5P
   1.5V Drive Nch MOSFET
logo
Rohm
RUR040N02TL ROHM-RUR040N02TL Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUF020N02 ROHM-RUF020N02 Datasheet
235Kb / 5P
   1.5V Drive Nch MOSFET
RW1C015UN ROHM-RW1C015UN Datasheet
231Kb / 5P
   1.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com