Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 1A1-T3
Description  1.0A MINIATURE SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1A1-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  1A1-T3 Datasheet HTML 1Page - Won-Top Electronics 1A1-T3 Datasheet HTML 2Page - Won-Top Electronics 1A1-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
j
f = 1MHz
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
40
30
20
0
10
50
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10
1A1 – 1A7
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - 1A1-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1A1-T3 WTE-1A1-T3 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
More results

Similar Description - 1A1-T3

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1A7 GXELECTRONICS-1A7 Datasheet
314Kb / 2P
   1.0A MINIATURE SILICON RECTIFIER
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
1H1 ZSELEC-1H1 Datasheet
133Kb / 2P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
1N4001 ZSELEC-1N4001 Datasheet
116Kb / 2P
   1.0A SILICON RECTIFIER
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
   1.0A SILICON RECTIFIER
1N4001 WTE-1N4001 Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
logo
SMC Diode Solutions Co....
BY133 SMCDIODE-BY133 Datasheet
326Kb / 4P
   BY133 1.0A SILICON RECTIFIER
Rev. C
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
   1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Sangdest Microelectroni...
1A1-1A7 SMC-1A1-1A7 Datasheet
163Kb / 4P
   MINIATURE SILICON RECTIFIER
logo
Pan Jit International I...
1A1 PANJIT-1A1_09 Datasheet
74Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com