Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RW1A020ZP Datasheet(PDF) 4 Page - Rohm

Part # RW1A020ZP
Description  1.5V Drive Pch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1A020ZP Datasheet(HTML) 4 Page - Rohm

  RW1A020ZP Datasheet HTML 1Page - Rohm RW1A020ZP Datasheet HTML 2Page - Rohm RW1A020ZP Datasheet HTML 3Page - Rohm RW1A020ZP Datasheet HTML 4Page - Rohm RW1A020ZP Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RW1A020ZP
Data Sheet
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.05 - Rev.A
Measurement circuit
Fig.1-1 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.1-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.2-1 Gate Charge Measurement Circuit
VGS
IG(Const)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Notice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
10
100
1000
10000
0.01
0.1
1
10
100
Ta=25°C
f=1MHz
VGS=0V
Coss
Ciss
Crss
0
100
200
300
400
500
02
4
6
8
10
Ta=25°C
Pulsed
ID= -2A
ID= -1A
0.01
0.1
1
10
00.511.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
1
2
3
4
5
01
2
3
45
6
7
8
Ta=25°C
VDD= -6V
ID= -2.0A
RG= 10Ω
Pulsed
1
10
100
1000
0.01
0.1
1
10
td(on)
Ta=25°C VDD= -6V
VGS=-4.5V RG=10Ω
Pulsed
tf
td(off)
tr
Fig.10 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.11 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.13 Dynamic Input Characteristics
Fig.12 Switching Characteristics
SOURCE-DRAIN VOLTAGE : -VSD [V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : -VDS[V]


Similar Part No. - RW1A020ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RW1A025AP ROHM-RW1A025AP Datasheet
1Mb / 7P
   1.5V Drive Pch MOSFET
More results

Similar Description - RW1A020ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com