Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN2003J Datasheet(PDF) 7 Page - Microsemi Corporation

Part # JAN2003J
Description  HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2003J Datasheet(HTML) 7 Page - Microsemi Corporation

  JAN2003J Datasheet HTML 1Page - Microsemi Corporation JAN2003J Datasheet HTML 2Page - Microsemi Corporation JAN2003J Datasheet HTML 3Page - Microsemi Corporation JAN2003J Datasheet HTML 4Page - Microsemi Corporation JAN2003J Datasheet HTML 5Page - Microsemi Corporation JAN2003J Datasheet HTML 6Page - Microsemi Corporation JAN2003J Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev 1.3b
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
7
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. See selection guide for specific device types.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No. (Note 3)
Package
Connection Diagram
16-PIN CERAMIC DIP
J - PACKAGE
SG2XXXJ/883B
-55
°C to 125°C
SG2023J/DESC
-55
°C to 125°C
JAN2001J
-55
°C to 125°C
JAN2002J
-55
°C to 125°C
JAN2003J
-55
°C to 125°C
JAN2004J
-55
°C to 125°C
SG2XXXJ
-55
°C to 125°C
1
7
6
5
4
3
2
8
10
9
11
12
13
14
16
15
SG2003N
0
°C to 70°C
SG2023N
0
°C to 70°C
16-PIN PLASTIC DIP
N - PACKAGE
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
SG2XXXL/883B
-55
°C to 125°C
SG2XXXL
-55
°C to 125°C
18
4
9
319
20
1
2
14
15
17
16
8
7
6
5
13
12
11
10
N Package: RoHS Compliant / Pb-free Transition DC: 0503
N Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package: RoHS Compliant / Pb-free Transition DC: 0516
DW Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package (Not Pictured) is 16-Pin Wide Body SOIC, same pinout as J package pictured above.


Similar Part No. - JAN2003J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2003J MICROSEMI-JAN2003J Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
JAN2003J MICROSEMI-JAN2003J Datasheet
110Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - JAN2003J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2000 MICROSEMI-SG2000 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2800 MICROSEMI-SG2800 Datasheet
102Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2823J MICROSEMI-SG2823J Datasheet
253Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2013J MICROSEMI-SG2013J Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003L MICROSEMI-SG2003L Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J-883B MICROSEMI-SG2003J-883B Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2803J-883B MICROSEMI-SG2803J-883B Datasheet
238Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2800 MICROSEMI-SG2800_1 Datasheet
253Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2802J MICROSEMI-SG2802J Datasheet
253Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com