Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2611M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HCPL2611M
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2611M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL2611M Datasheet HTML 1Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 2Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 3Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 4Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3
5
Typical Performance Curves
Fig. 1 Low Level Output Voltage vs. Ambient Temperature
Fig. 2 Input Diode Forward Voltage vs. Forward Current
Fig. 3 Switching Time vs. Forward Current
Fig. 4 Low Level Output vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (°C)
IF = 5mA
VE = 2V
VCC = 5.5V
Fig. 5 Input Threshold Current vs. Ambient Temperature
Fig. 6 Output Voltage vs. Input Forward Current
VCC = 5V
TA = 25°C
VCC = 5V
VE = 2V
VOL = 0.6V
VCC = 5V
VE = 2V
VOL = 0.6V
IF = 15mA
IF = 10mA
IF = 5mA
IOL = 12.8mA
IOL = 16mA
IOL = 9.6mA
IOL = 6.4mA
-40
-20
0
20
40
60
80
100
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
VF – FORWARD VOLTAGE (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.001
0.010
0.100
1
10
IF – FORWARD CURRENT (mA)
579
11
13
15
20
0
40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
60
80
100
120
RL = 4kΩ (tPLH)
RL = 1kΩ (tPLH)
RL = 350Ω
RL = 350Ω
RL = 1kΩ
RL = 1kΩ
RL = 4kΩ
RL = 4kΩ
RL = 350Ω (tPLH)
RL = 4kΩ (tPHL)
RL = 1kΩ (tPHL)
RL = 350Ω (tPHL)
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
20
25
30
35
40
45
50
IF - FORWARD CURRENT (mA)
01
2
3
4
5
6
0
1
2
3
4
5
6


Similar Part No. - HCPL2611M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HCPL2611M ONSEMI-HCPL2611M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Similar Description - HCPL2611M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com