Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 6N138M
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  6N138M Datasheet HTML 1Page - Fairchild Semiconductor 6N138M Datasheet HTML 2Page - Fairchild Semiconductor 6N138M Datasheet HTML 3Page - Fairchild Semiconductor 6N138M Datasheet HTML 4Page - Fairchild Semiconductor 6N138M Datasheet HTML 5Page - Fairchild Semiconductor 6N138M Datasheet HTML 6Page - Fairchild Semiconductor 6N138M Datasheet HTML 7Page - Fairchild Semiconductor 6N138M Datasheet HTML 8Page - Fairchild Semiconductor 6N138M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
5
Electrical Characteristics (Continued)
(TA = 0 to 70°C unless otherwise specified. Typical value is measured at TA = 25ºC and VCC = 5.0V.)
Isolation Characteristics
Notes:
2. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current,
IF, times 100%.
3. Pin 7 open. (6N138M and 6N139M only)
4. Common mode transient immunity in logic HIGH level is the maximum tolerable (positive) dVcm/dt on the
leading edge of the common mode pulse signal VCM, to assure that the output will remain in a logic HIGH state
(i.e., VO > 2.0V). Common mode transient immunity in logic LOW level is the maximum tolerable (negative)
dVcm/dt on the trailing edge of the
common mode pulse signal, VCM, to assure that the output will remain in a logic LOW state (i.e., VO < 0.8V).
5. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
6. For dual channel devices, CI-O is measured by shorting pins 1 and 2 or pins 3 and 4 together and pins 5 through 8
shorted together.
7. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
I
Symbol
Characteristics
Test Conditions
Min.
Typ.
Max.
Unit
VISO
Withstand Insulation Test
Voltage(5)
RH
≤ 50%, T
A = 25°C, II-O ≤ 10µA,
50Hz, t = 1 min.
5000
VRMS
RI-O
Resistance (Input to Output)(5)
VI-O = 500VDC
1011
CI-O
Capacitance (Input to Output)(5)(6)
f = 1MHz, VI-O = 500V
1
pF
II-I
Input-Input Insulation Leakage
Current(7)
RH
≤ 45%, V
I-I = 500VDC, t = 5s,
HCPL2730M/2731 only
0.005
µA
RI-I
Input-Input Resistance(7)
VI-I = 500VDC, HCPL2730M/2731M
only
1011
CI-I
Input-Input Capacitance(7)
f = 1MHz, HCPL2730M/2731M only
0.03
pF


Similar Part No. - 6N138M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Dual-Channel: HCPL2730M, HCPL2731M (Preliminary) Low Input Current High Gain Split Darlington Optocouplers
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low current ??0.5mA
logo
CT Micro International ...
6N138M CTMICRO-6N138M Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N138M UMW-6N138M Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Everlight Electronics C...
6N138M(TA)-V EVERLIGHT-6N138M(TA)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
More results

Similar Description - 6N138M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com