Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG79XXK Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG79XXK
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG79XXK Datasheet(HTML) 3 Page - Microsemi Corporation

  SG79XXK Datasheet HTML 1Page - Microsemi Corporation SG79XXK Datasheet HTML 2Page - Microsemi Corporation SG79XXK Datasheet HTML 3Page - Microsemi Corporation SG79XXK Datasheet HTML 4Page - Microsemi Corporation SG79XXK Datasheet HTML 5Page - Microsemi Corporation SG79XXK Datasheet HTML 6Page - Microsemi Corporation SG79XXK Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SG7900A/SG7900 SERIES
05/01 Rev 1.5
LINFINITY Microelectronics Inc.
Copyright
 1999
11861 Western Avenue ∞
∞ Garden Grove, CA 92841
3
(714) 898-8121 ∞
∞FAX: (714) 893-2570
FIGURE 6.
SHORT CIRCUIT CURRENT VS. V
IN
CHARACTERISTIC CURVES (continued)
FIGURE 4.
SHORTCIRCUIT CURRENT VS. V
IN
FIGURE 5.
QUIESCENT CURRENT VS. V
IN
FIGURE 7.
DROPOUT CHARACTERISTICS
FIGURE 8.
RIPPLE REJECTION VS. FREQUENCY
APPLICATIONS
FIGURE 9 - FIXED OUTPUT REGULATOR
FIGURE 10 - CIRCUIT FOR INCREASING OUTPUT VOLTAGE
NOTE: 1. C1 is required only if regulator is separated from rectifier filter.
2. Both C1 and C2 should be low E.S.R. types such as solid
tantalum. If aluminum electrolytics are used, at least 10 times
values shown should be selected.
3. If large output capacities are used, the regulators must be
protected from momentary input shorts. A high current diode
NOTE: C3 optional for improved transient response and ripple rejec
R
2 =
V(REG)
15mA
V
OUT = V (REGULATOR)
R
1 + R2
R
1
NEGATIVE REGULATOR


Similar Part No. - SG79XXK

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG79XXK MICRO-ELECTRONICS-SG79XXK Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG79xxK MICROSEMI-SG79xxK Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG79XXK MICROSEMI-SG79XXK Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
SG79XXK MICROSEMI-SG79XXK Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG79XXK-883B MICROSEMI-SG79XXK-883B Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG79XXK

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com