Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6862L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN6862L
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6862L Datasheet HTML 1Page - Fairchild Semiconductor FAN6862L Datasheet HTML 2Page - Fairchild Semiconductor FAN6862L Datasheet HTML 3Page - Fairchild Semiconductor FAN6862L Datasheet HTML 4Page - Fairchild Semiconductor FAN6862L Datasheet HTML 5Page - Fairchild Semiconductor FAN6862L Datasheet HTML 6Page - Fairchild Semiconductor FAN6862L Datasheet HTML 7Page - Fairchild Semiconductor FAN6862L Datasheet HTML 8Page - Fairchild Semiconductor FAN6862L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862R/L • Rev. 1.0.0
3
Marking Information
ABxTT
• •••
---
Figure 3. Top Mark
Pin Configuration
Figure 4. Pin Assignments
Pin Definitions
Pin # Name
Function
Description
1
GND
Ground
Ground
2
FB
Feedback
The FB pin provides the output voltage regulation signal. It provides feedback to
the internal PWM comparator for control of the duty cycle. This pin also provide for
OLP: if VFB is larger than the trigger level and remains for a long time, the controller
stops and restarts.
3
RT
Temperature
Detection
An external NTC thermistor is connected from this pin to GND for over-temperature
protection. The impedance of the NTC decreases at high temperatures. Once the
voltage of the RT pin drops below a threshold, PWM output is disabled.
4
SENSE
Current
Sense
This pin senses the voltage across a resistor. When the voltage reaches the
internal threshold, PWM output is disabled. This activates over-current protection.
This pin also provides current amplitude information for current-mode control.
5
VDD
Power Supply Power supply
6
GATE
Driver Output The totem-pole output driver for driving the power MOSFET.
ABx:
ABA: FAN6862LTY
ABC: FAN6862RTY
TT:
Wafer Lot Code
:
Year Code
_ _ _
:
Week Code


Similar Part No. - FAN6862L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6862L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com