Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7083 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7083
Description  High Side Gate Driver with Reset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7083 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7083_1 Datasheet HTML 1Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 2Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 3Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 4Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 5Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 6Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 7Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 8Page - Fairchild Semiconductor FAN7083_1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
www.fairchildsemi.com
FAN7083_GF085 Rev. 1.0.0
Statics Electrical Characteristics
Unless otherwise specified, -40°C <= Ta <= 125°C, VCC = 15V, VBS = 15V, VRESET = 5V, VS = 0V, RL = 50
Ω, CL = 2.5nF.
Note: The input parameter are referenced to COM. The VO and IO parameters are referenced to COM.
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Vcc and VBS supply Characteristics
VCC and VBS supply under voltage
positive going threshold
VCCUV+
VBSUV+
--
9.0
9.8
V
VCC and VBS supply under voltage
negative going threshold
VCCUV-
VBSUV-
-7.4
8.4
-
V
VCC and VBS supply under voltage hystere-
sis
VCCUVH
VBSUVH
-0.2
0.6
-
V
Under voltage lockout response time
tduvcc
tduvbs
VCC: 10V-->7.3V or 7.3V-->10V
VBS: 10V-->7.3V or 7.3V-->10V
0.5
0.5
20
20
us
us
Offset supply leakage current
ILK
VB=VS=600V
-
-
50
uA
Quiescent VBS supply current
IQBS
VIN=0, VRESET=5V
-
50
100
uA
Quiescent Vcc supply current
IQCC1
VIN=VRESET=0
-
65
140
uA
Quiescent Vcc supply current
IQCC2
VIN=15V, VRESET=0
-
75
160
uA
Input Characteristics
High logic level input voltage for IN
VIH
-
0.63Vcc
-
V
Low logic level input voltage for IN
VIL
--
-
0.4Vcc
V
High logic level input current for IN
IIN+
VIN=15V
-
15
50
uA
Low logic level input bias current for IN
IIN-
VIN=0
-
0
1
uA
High logic level input voltage for RESET
VRIH
-3.0
-
-
V
Low logic level input voltage for RESET
VRIL
--
-
1.4
V
High logic level input current for RESET
IRIN+
VRESET=5V
-
5
30
uA
Low logic level input bias current for RESET
IRIN-
VRESET=0
-
0
1
uA
Output characteristics
High level output voltage, VBIAS- VO
VOH
IO=0
-
-
0.1
V
Low level output voltage, VO
VOL
IO=0
-
-
0.1
V
Peak output source current
IO1+
-
200
-
-
mA
Peak output sink current
IO1-
-
400
-
-
mA
Equivalent output resistance
ROP
54
75
Ω
RON
24
38
Ω


Similar Part No. - FAN7083_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
More results

Similar Description - FAN7083_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com