Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC7692 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMC7692
Description  N-Channel Power Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7692 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMC7692 Datasheet HTML 1Page - Fairchild Semiconductor FDMC7692 Datasheet HTML 2Page - Fairchild Semiconductor FDMC7692 Datasheet HTML 3Page - Fairchild Semiconductor FDMC7692 Datasheet HTML 4Page - Fairchild Semiconductor FDMC7692 Datasheet HTML 5Page - Fairchild Semiconductor FDMC7692 Datasheet HTML 6Page - Fairchild Semiconductor FDMC7692 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250 PA, VGS = 0 V
30
V
'BVDSS
'TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 PA, referenced to 25 °C
16
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
PA
TJ = 125 °C
250
IGSS
Gate to Source Leakage Current
VGS = 20 V, VDS = 0 V
100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 PA
1.2
1.9
3.0
V
'VGS(th)
'TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 PA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 13.3 A
7.2
8.5
m
:
VGS = 4.5 V, ID = 10.6 A
9.5
11.5
VGS = 10 V, ID = 13.3 A, TJ = 125 °C
9.5
12.0
gFS
Forward Transconductance
VDD = 5 V, ID = 13.3 A
60
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1 MHz
1260
1680
pF
Coss
Output Capacitance
480
635
pF
Crss
Reverse Transfer Capacitance
65
100
pF
Rg
Gate Resistance
0.9
2.4
:
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 13.3 A,
VGS = 10 V, RGEN = 6 :
918
ns
tr
Rise Time
410
ns
td(off)
Turn-Off Delay Time
21
33
ns
tf
Fall Time
310
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V
ID = 13.3 A
21
29
nC
Total Gate Charge
VGS = 0 V to 4.5 V
10
14
nC
Qgs
Total Gate Charge
5nC
Qgd
Gate to Drain “Miller” Charge
3
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 13.3 A
(Note 2)
0.86
1.2
V
VGS = 0 V, IS = 1.9 A
(Note 2)
0.75
1.2
trr
Reverse Recovery Time
IF = 13.3 A, di/dt = 100 A/Ps
24
38
ns
Qrr
Reverse Recovery Charge
7
14
nC
NOTES:
1. RTJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RTJC is guaranteed by design while RTCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 30
0 Ps, Duty cycle < 2.0 %.
3. EAS of 58 mJ is based on starting TJ = 25
oC, L = 1 mH, I
AS = 10.8 A, VDD = 27 V, VGS = 10 V.
a. 53 °C/W when mounted on
a 1 in2 pad of 2 oz copper
b.125 °C/W when mounted on
a minimum pad of 2 oz copper
©2010 Fairchild Semiconductor Corporation
FDMC7692 Rev.B3


Similar Part No. - FDMC7692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7692 FAIRCHILD-FDMC7692 Datasheet
261Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 13.3 A, 8.5 m
FDMC7692S FAIRCHILD-FDMC7692S Datasheet
218Kb / 8P
   N-Channel Power Trench짰 SyncFETTM
More results

Similar Description - FDMC7692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com