Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF5N50UT Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDPF5N50UT
Description  N-Channel MOSFET, FRFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF5N50UT Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FDPF5N50UT Datasheet HTML 2Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 3Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 4Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 5Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 6Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 7Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 8Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 9Page - Fairchild Semiconductor FDPF5N50UT Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FDP5N50U / FDPF5N50UT Rev. A-1
www.fairchildsemi.com
8
Mechanical Dimensions
TO-220


Similar Part No. - FDPF5N50UT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF5N50UT ISC-FDPF5N50UT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF5N50UT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
FCH47N60NF FAIRCHILD-FCH47N60NF Datasheet
301Kb / 8P
   N-Channel MOSFET, FRFET
FCA36N60NF FAIRCHILD-FCA36N60NF Datasheet
269Kb / 8P
   N-Channel MOSFET, FRFET
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCH47N60F FAIRCHILD-FCH47N60F_13 Datasheet
290Kb / 8P
   N-Channel SuperFET FRFET MOSFET
FDH45N50F FAIRCHILD-FDH45N50F_08 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com