Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8984 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS8984
Description  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8984 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8984_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS8984_F085 Rev. A
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
V
GS=10V
V
GS=5.0V
V
GS=4.5V
V
GS=4.0V
V
GS=3.5V
V
GS=3.0V
PULSE DURATION =80µS
DUTY CYCLE =0.5% MAX
V
DS, DRAIN-SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
5
10152025
30
0.5
1.0
1.5
2.0
2.5
3.0
PULSE DURATION =80µS
DUTY CYCLE =0.5% MAX
V
GS=3.5V
V
GS=4.0V
V
GS=4.5V
V
GS=5.0V
V
GS=10V
V
GS=3.0V
I
D, DRAIN CURRENT (A)
On-Resistance vs Drain Current and
Gate Voltage
Figure 3.
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
ID = 7A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
On Resistance vs Temperature
Figure 4.
24
6
8
10
15
20
25
30
35
40
45
50
55
60
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 125oC
TJ = 25oC
ID = 7A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to Source
Votlage
Figure 5.
1234
0
5
10
15
20
25
30
PULSE DURATION =80µS
DUTY CYCLE =0.5% MAX
T
J = - 55
OC
T
J = 25
OC
T
J = 150
OC
V
DD = 5V
V
GS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-3
0.01
0.1
1
10
VSD, BODY DIODE FORWARD VOLTAGE (V)
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
30
Source to Drain Diode Forward Voltage
vs Source Current


Similar Part No. - FDS8984_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
VBsemi Electronics Co.,...
FDS8984-NL VBSEMI-FDS8984-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS8984F085 FAIRCHILD-FDS8984F085 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_07 Datasheet
378Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS8984_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com