Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6144AMTC14X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS6144AMTC14X
Description  Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6144AMTC14X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6144AMTC14X Datasheet HTML 1Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 2Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 3Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 4Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 5Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 6Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 7Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - Fairchild Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.1
2
Block Diagram
IN1
IN2
IN3
OUT1
OUT2
OUT3
IN4
OUT4
6dB
Transparent Clamp
6dB
Transparent Clamp
6dB
Transparent Clamp
6dB
Transparent Clamp
Figure 1.
Block Diagram
Pin Configuration
Figure 2.
14-Lead TSSOP (Top View)
Pin Definitions
Pin#
Name
Type
Description
1
IN1
Input
Video Input Channel 1
2
IN2
Input
Video Input Channel 2
3
IN3
Input
Video Input Channel 3
4
IN4
Input
Video Input Channel 4
5
GND
Input
Device Ground Connection
6
NA
NA
No Connection
7
NA
NA
No Connection
8
NA
NA
No Connection
9
NA
NA
No Connection
10
Vcc
Input
Positive Power Supply
11
OUT4
Output
Filtered Output Channel 4
12
OUT3
Output
Filtered Output Channel 3
13
OUT2
Output
Filtered Output Channel 2
14
OUT1
Output
Filtered Output Channel 1


Similar Part No. - FMS6144AMTC14X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6144AMTC14X ONSEMI-FMS6144AMTC14X Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
More results

Similar Description - FMS6144AMTC14X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
logo
3PEAK INC.
TPF114 3PEAK-TPF114 Datasheet
683Kb / 11P
   Low-power, 4-Channel 6th-order SD Video Filter Driver
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_06 Datasheet
267Kb / 11P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6246 FAIRCHILD-FMS6246 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6246 FAIRCHILD-FMS6246_06 Datasheet
257Kb / 11P
   Six Channel, 6th Order SD/PS Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
logo
3PEAK INC.
TPF116 3PEAK-TPF116 Datasheet
677Kb / 10P
   Ultra-low Power, 6-Channel, 6th-order SD Video Filter Driver
TPF111 3PEAK-TPF111 Datasheet
688Kb / 10P
   Ultra-low Power, 1-Channel 6th-Order SD Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com