Electronic Components Datasheet Search |
|
TB0835A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
TB0835A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
2 / 7 page TAI-SAW TECHNOLOGY CO., LTD. 2 TST DCC Release document TAI-SAW TECHNOLOGY CO., LTD. No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com SAW Filter 173.91 MHz(BW=20.0MHz) SMD 5.0mmX7.0mm MODEL NO.: TB0835A REV.1.0 A. MAXIMUM RATING: 1. Operating Temperature: -20 °C ~ +70 °C 2. Storage Temperature: -40 °C ~ +85 °C 3. Input power: 10dBm B. Characteristics : Ambient Temperature: 25 °C Value Characteristics Min. Typ. Max. Note Center frequency FC MHz - 173.910 - - Minimum Insertion loss I.L. dB - 10.0 13 - 1dB BW MHz - 23.8 - Passband Ripple (FC ± 10MH) dB - 0.6 1.5 - Attenuation (Reference to Minimum Insertion loss) 100 ~ 153.91MHz dB 45 53 - - 208.91 ~ 350MHz dB 40 48 - - Temp Coefficient ppm/K - -94 - - Matching: 1.The input of the filter will be matched to 50 ohm 2.The output of the filter will be matched to 50 ohm RoHS Compliant Lead free Lead-free soldering |
Similar Part No. - TB0835A |
|
Similar Description - TB0835A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |