Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0157A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0157A
Description  One-Port SAW Resonator 433.92MHz TO39
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0157A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0157A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0157A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0157A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
E.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
#1
#2
Source Impedance
Load Impedance
50Ω
50Ω
F.FREQUENCY CHARACTERISTICS:
G. TEST CIRCUIT:
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer
Resonator 433.92MHz FrequencyCharacteristics (S21)
-30
-25
-20
-15
-10
-5
0
432.42
432.92
433.42
433.92
434.42
434.92
435.42
Frequency(Center Frequency433.92MHz Span3.000MHz)
dB


Similar Part No. - TC0157A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
   SAW Resonator 390 MHz SMD5X5 mm
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
   SAW Resonator 390 MHz
TC0152A TAI-SAW-TC0152A Datasheet
321Kb / 4P
   SAW Resonator 803.306 MHz SMD 3.8X3.8 mm
TC0153A TAI-SAW-TC0153A Datasheet
319Kb / 4P
   SAW Resonator 801.556 MHz SMD 3.8X3.8 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
   SAW Resonator 916.5 MHz SMD 5X5 mm
More results

Similar Description - TC0157A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0164A TAI-SAW-TC0164A Datasheet
338Kb / 4P
   TO39 390MHz One-Port Saw Resonator
TD0103A TAI-SAW-TD0103A Datasheet
318Kb / 4P
   Two-Port SAW Resonator 433.92MHz SMD5X5mm
logo
SIPAT Co,Ltd
UE433A SIPAT-UE433A Datasheet
74Kb / 2P
   433.92MHz SAW Resonator
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
   One-Port SMD SAW Resonator
09.22.15
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
logo
ECS, Inc.
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
   SMD ONE PORT SAW RESONATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com