Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-J6K-MY Datasheet(PDF) 1 Page - Vicor Corporation

Part # MI-J6K-MY
Description  Military DC-DC Converters 10 to 50W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-J6K-MY Datasheet(HTML) 1 Page - Vicor Corporation

  MI-J6K-MY Datasheet HTML 1Page - Vicor Corporation MI-J6K-MY Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Highlights
The MI-J00 family of miniaturized
DC-DC converters is designed for
military applications utilizing
distributed power architectures.
Based on Vicor’s 1st Generation
family of zero-current/zero-voltage
switching, component-level,
DC-DC converters, the MI-J00
family offers state-of-the-art
performance in terms of power
density, efficiency, noise, ease of
use, and reliability.
The MI-J00 family is designed to
exceed all steady-state, transient
and under/overvoltage
requirements of MIL-STD-704D/E
for both 28Vdc input (MI-J20) and
270Vdc input (MI-J60), and the
worst case envelope of DOD-STD-
1399A for 155Vdc input.
The output voltage can be externally
trimmed or programmed from
50% to 110% of nominal output.
Current limiting, remote sense,
and an inhibit pin all combine to
offer a high degree of protection,
versatility, and reliability for
military power systems.
All units are manufactured
in ISO 9001-registered facilities.
Full epoxy encapsulation in
Vicor’s industry standard
package enables the MI-J00
family units to meet MIL-STD-810
environmental testing
requirements for humidity,
fungus, salt fog, explosive
atmosphere, acceleration,
vibration, and shock. (See page 32.)
MI-J00
TM
Military DC-DC Converters 10 to 50W
Inputs:
28Vdc per MIL-STD-704D/E
155Vdc per MIL-STD-1399A
270Vdc per MIL-STD-704D/E
Single output: 2 – 48Vdc
Up to 23W/in3
MIL-STD-810 environments
Up to 90% efficiency
Remote sense
Current limit
ZVS/ZCS power architecture
Low noise FM control
Size: 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7mm)
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Characteristics
Input voltage range
See input voltage chart
No load power dissipation
1.35
2.0
Watts
Output Characteristics
Set point accuracy
0.5
1.0
% Vnom
Load/line regulation
0.05
0.2
% Vnom
LL to HL, 10% to FL
0.2
0.5
% Vnom
LL to HL, NL to 10%
Output temperature drift
0.01
0.02
%/°C
Output noise - pp
1.0
1.5
% Vnom
Whichever is greater
100
150
mV
20MHz BW
Output voltage trimming(1)
50
110
% Vnom
Remote sense compensation
0.5
Vdc
OVP set point
N/A
Current limit
105
125
% Inom
Auto restart
Short circuit current
105
130
% Inom
Control Pin Characteristics
Gate-in high threshold
6
Vdc
Gate-in low threshold
0.65
Vdc
Gate-in low current
6
mA
Isolation Characteristics
Isolation (input to output)
3,000
Vrms
Isolation (output to baseplate)
500
Vrms
Isolation (input to baseplate)
1,500
Vrms
Input/output capacitance
50
75
pF
Environmental (MIL-STD-810)
Altitude - method 500.2
70,000
feet
Procedure II
Humidity - method 507.2
86/240
% /hours
Procedure 1, cycle 1
Acceleration - method 513.3
9
g's
Procedure 2
Vibration - method 514.3
20
g's
Procedure 1, category 6
Shock - method 516.3
40
g's
Procedure 1
Reliability (MIL-HDBK-217F)
25°C Ground Benign: G.B.
2,871,050
hours
50°C Naval Sheltered: N.S.
667,568
hours
65°C Airborne Inhabited Cargo: A.I.C.
559,855
hours
Thermal Characteristics
Efficiency
80-90
%
Baseplate to sink
0.14
°C/W
With thermal pads
Thermal shutdown
N/A
Baseplate operating temperature
+100
°C
See product grade
Storage temperature
+125
°C
See product grade
Mechanical Specifications
Weight
3.0 (85)
ounces (grams)
Converter Specifications
(At TBP = 25°C, nominal line and 75% load, unless otherwise specified)
(1) 10V, 12V, and 15V outputs, standard trim range ±10%. Consult factory for wider trim range.
}
Features
MI-J00 10/02
1 of 2


Similar Part No. - MI-J6K-MY

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-J6K-MY POWERBOX-MI-J6K-MY Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MI-J6K-MY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
   DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
   Military COTS DC/DC Converters
logo
Artesyn Technologies
EXB50 ARTESYN-EXB50 Datasheet
52Kb / 2P
   50W High Efficiency DC/DC Converters
logo
Vicor Corporation
MI-MEGAMOD VICOR-MI-MEGAMOD Datasheet
134Kb / 4P
   Military Chassis Mount DC-DC Converters 10 to 300W Single, Dual, Triple Outputs
logo
Artesyn Technologies
EXQ50 ARTESYN-EXQ50 Datasheet
64Kb / 2P
   36-50W High Efficiency DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
SXQ50 ARTESYN-SXQ50 Datasheet
128Kb / 2P
   36-50W High Efficiency DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com