Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8132FV Datasheet(PDF) 9 Page - Rohm

Part # BD8132FV
Description  High-precision Gamma Correction ICs with built-in DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8132FV Datasheet(HTML) 9 Page - Rohm

Back Button BD8132FV_09 Datasheet HTML 5Page - Rohm BD8132FV_09 Datasheet HTML 6Page - Rohm BD8132FV_09 Datasheet HTML 7Page - Rohm BD8132FV_09 Datasheet HTML 8Page - Rohm BD8132FV_09 Datasheet HTML 9Page - Rohm BD8132FV_09 Datasheet HTML 10Page - Rohm BD8132FV_09 Datasheet HTML 11Page - Rohm BD8132FV_09 Datasheet HTML 12Page - Rohm BD8132FV_09 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BD8132FV, BD8139AEFV
Technical Note
9/20
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
[BD8132FV]
Serial communications
The serial data control block consists of a register that stores data from the LATCH, CLK, and SDIN pins, and a DAC circuit
that receives the output from this register and provides adjusted voltages to other IC blocks.
When the IC's power supply is activated, the reset function operates to set the register to a preset value. The first bit is for
testing use only and should always be set to 0. The next bit is used to select the OSC mode. Inputting a value of 0 selects
internal frequency mode and uses a frequency of 80 kHz. Entering a value of 1 selects external frequency mode. Input an
external clock signal from the OSC pin.
Fig. 21 Serial Block Diagram
(1) Serial communications timing
The 17-bit serial data input from the SDIN pin is read into the shift register using the rising edge of the signal input to the
CLK pin. This data is then loaded to the DAC register using the rising edge of the signal input to the LATCH pin.
If the data loaded into the shift register while the LATCH pin is low consists of less than 17 bits, the loaded data is
discarded. If the data exceeds 17 bits, the last 17 bits to be loaded are treated as valid.
(2) Serial data
The following table illustrates the format of serial data input to the SDIN pin.
First →
→Last
d0
d1
d2
d3
d4
d5
d6
d7
d8
d9
d10
d11
d12
d13
d14
d15
d16
0
X
Register address
Data
Register
Address
Behavior when data increases
Preset value
d2
d3
d4
d5
d6
d7
to
d16
Register 0
0
0
0
0
0
V0 voltage value increases
00000
00000
Register 1
0
0
0
0
1
V1 voltage value increases
00000
00000
Register 2
0
0
0
1
0
V2 voltage value increases
00000
00000
Register 3
0
0
0
1
1
V3 voltage value increases
00000
00000
Register 4
0
0
1
0
0
V4 voltage value increases
00000
00000
Register 5
0
0
1
0
1
V5 voltage value increases
00000
00000
Register 6
0
0
1
1
0
V6 voltage value increases
00000
00000
Register 7
0
0
1
1
1
V7 voltage value increases
00000
00000
Register 8
0
1
0
0
0
V8 voltage value increases
00000
00000
Register 9
0
1
0
0
1
V9 voltage value increases
00000
00000
Register A
0
1
0
1
0
VA voltage value increases
00000
00000
Register B
0
1
0
1
1
VB voltage value increases
00000
00000
Register C
0
1
1
0
0
VC voltage value increases
00000
00000
Register D
0
1
1
0
1
VD voltage value increases
00000
00000
Register E
0
1
1
1
0
VE voltage value increases
00000
00000
Register F
0
1
1
1
1
VF voltage value increases
00000
00000
Register G
1
0
0
0
0
VG voltage value increases
00000
00000
Register H
1
0
0
0
1
VH voltage value increases
00000
00000
Register I
1
0
0
1
0
Vcom voltage value increases
00000
00000
Shift register
OUT0 to OUTI
registers
DAC
Address
decoder
Serial data control block diagram
Clock control
LATCH
CLK
SDIN
10 bits
5 bits
Test
mode
1 bit
OSC
mode
1 bit
Serial communications timing
LATCH
CLK
SDIN
d0 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d12 d13 d14 d15 d16
Fig. 22 Serial Communications Timing Chart


Similar Part No. - BD8132FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8132FV ROHM-BD8132FV Datasheet
347Kb / 6P
   y-correction IC for TFT-LCD Panel
More results

Similar Description - BD8132FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
BD81010MUV ROHM-BD81010MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
BD81026MUV ROHM-BD81026MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
   aperture/gamma correction
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Asahi Kasei Microsystem...
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
   DAC with built-in PLL & HP-AMP
AK4372 AKM-AK4372 Datasheet
1Mb / 62P
   DAC with built-in PLL & HP-AMP
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
   DAC with built-in PLL & HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com