Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8150KVT Datasheet(PDF) 6 Page - Rohm

Part # BD8150KVT
Description  4-channel System Power Supply Gamma Buffer Amp IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8150KVT Datasheet(HTML) 6 Page - Rohm

Back Button BD8150KVT_09 Datasheet HTML 2Page - Rohm BD8150KVT_09 Datasheet HTML 3Page - Rohm BD8150KVT_09 Datasheet HTML 4Page - Rohm BD8150KVT_09 Datasheet HTML 5Page - Rohm BD8150KVT_09 Datasheet HTML 6Page - Rohm BD8150KVT_09 Datasheet HTML 7Page - Rohm BD8150KVT_09 Datasheet HTML 8Page - Rohm BD8150KVT_09 Datasheet HTML 9Page - Rohm BD8150KVT_09 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Technical Note
6/18
BD8150KVT
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Pinout Diagram
Block Diagram
Fig. 19 BD8150KVT Pin Assignment Diagram and Block Diagram
Pin Description
Pin No.
Pin Name
Function
Pin No.
Pin Name
Function
1
DET1
DC/DC detector output 1
33
SCP
Connect timer latch capacitor
2
DET2
DC/DC detector output 2
34
ENABLE
All channel output enable
3
DET3
Charge pump detector output 3
35
NON4
Charge pump feed back input 4
4
DET4
Charge pump detector output 4
36
FB4
Charge pump E/A output 4
5
IN0
Buffer amp 0 input
37
CD4
Charge pump driver output 4
6
IN1
Buffer amp 1 input
38
CD3
Charge pump driver output 3
7
IN2
Buffer amp 2 input
39
FB3
Charge pump E/A output 3
8
IN3
Buffer amp 3 input
40
INV3
Charge pump feed back input 3
9
IN4
Buffer amp 4 input
41
BG
Reference voltage monitor
10
IN5
Buffer amp 5 input
42
VREF17
1.7V Reference Voltage
11
IN6
Buffer amp 6 input
43
NON2
DC/DC E/A non inverting input 2
12
IN7
Buffer amp 7 input
44
INV2
DC/DC E/A inverting input 2
13
IN8
Buffer amp 8 input
45
FB2
DC/DC E/A output 2
14
IN9
Buffer amp 9 input
46
GND
Ground
15
IN+
Op-amp non inverting input
47
PGND
Power ground
16
IN-
Op-amp inverting input
48
GD2
DC/DC driver output 2
17
AMPGND Buffer amp and op-amp ground
49
GD1
DC/DC driver output 1
18
COM
Op-amp output
50
PVCC
Power VCC supply
19
OUT9
Buffer amp 9 output
51
VCC
VCC supply
20
OUT8
Buffer amp 8 output
52
FB1
DC/DC E/A output 1
21
OUT7
Buffer amp 7 output
53
INV1
DC/DC E/A inverting input 1
22
OUT6
Buffer amp 6 output
54
PG
Pch FET switch driver output
23
OUT5
Buffer amp 5 output
55
SS1
Connect soft start capacitor 1
24
OUT4
Buffer amp 4 output
56
SS2
Connect soft start capacitor 2
25
OUT3
Buffer amp 3 output
57
UDSEL1
Step up/down select switch 1
26
OUT2
Buffer amp 2 output
58
UDSEL2
Step up/down select switch 2
27
OUT1
Buffer amp 1 output
59
DTC1
Dead time control voltage input1
28
OUT0
Buffer amp 0 output
60
DTC2
Dead time control voltage input2
29
REGVCC
Charge pump, Regulator, op-amp and buffer amp
power supply
61
CTL4
Charge pump control switch 4
30
VREG
Regulator output
62
CTL3
Charge pump control switch 3
31
INV5
Regulator negative feed back input
63
CTL2
DC/DC control switch 2
32
CT
Ramp wave monitor
64
CTL1
DC/DC control switch 1
CT
INV5
VREG
REGVCC
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
COM
AMPGND
GD1
PVCC
VCC
FB1
IVN1
PG
SS1
SS2
UDSEL1
UDSEL2
DTC1
DTC2
CTL4
CTL3
CTL2
CTL1
VREF
UVLO
OSC
SOFTSTART
SOFTSTART
TIMERLATCH
2BitCOUNTER
LV SHIFT
LV SHIFT
+
-
-
-
+
+
+
-
+
-
+
-
+
-
+
-
+
-
+
-
-
+
-
+
+
-
+
-
1V
DET3
ERR3
ERR4
DET4
0.2V
1V
REG
DET2
ERR2
PWM2
PWM1
ERR1
DET1
VCC
NON2
VREF17
CT
PVCC
GD1
FB1
INV1
GD2
PGND
FB2
INV2
SCP
DET1
DET2
DET3
DET4
CD3
FB3
INV3
AMPVCC
IN0
OUT0
BG
PG
SS1
SS2
CTL1
CTL2
CTL3
CTL4
REG
VCC
VREG
INV5
GND
CD4
FB4
NON4
IN-
IN+
COM
1V
UDSEL1
UDSEL2
AMPGND
ENABLE
VCC
DTC1
DTC2
VREF17
1
1
51
43
42
32
59
58
50
49
52
53
48
47
45
44
33
1
2
3
4
34
38
39
40
17
5
28
41
59
60
54
55
56
61
62
63
64
29
30
31
46
37
36
35
16
15
18
19
20
21
22
24
25
26
23
27
14
13
12
11
10
9
8
7
6
Vcc
Vcc
Vcc
AMPVcc
PVcc


Similar Part No. - BD8150KVT_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8150KVT ROHM-BD8150KVT Datasheet
244Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results

Similar Description - BD8150KVT_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8151EFV ROHM-BD8151EFV_09 Datasheet
511Kb / 18P
   Single-channel Source Voltage Output Power Supply Gamma Buffer Amp ICs
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com