Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8151EFV Datasheet(PDF) 7 Page - Rohm

Part # BD8151EFV
Description  Single-channel Source Voltage Output Power Supply Gamma Buffer Amp ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8151EFV Datasheet(HTML) 7 Page - Rohm

Back Button BD8151EFV_09 Datasheet HTML 3Page - Rohm BD8151EFV_09 Datasheet HTML 4Page - Rohm BD8151EFV_09 Datasheet HTML 5Page - Rohm BD8151EFV_09 Datasheet HTML 6Page - Rohm BD8151EFV_09 Datasheet HTML 7Page - Rohm BD8151EFV_09 Datasheet HTML 8Page - Rohm BD8151EFV_09 Datasheet HTML 9Page - Rohm BD8151EFV_09 Datasheet HTML 10Page - Rohm BD8151EFV_09 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BD8151EFV, BD8157EFV
Technical Note
7/17
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Description of Operation of Each Block
 Error amp (ERR)
This is the circuit to compare the reference voltage 1.245 V (Typ.) and the feedback voltage of output voltage. The COM
pin voltage resulting from this comparison determines the switching duty. At the time of start, since the soft start is
operated by the SS pin voltage, the COMP pin voltage is limited to the SS pin voltage.
 Oscillator (OSC)
This block generates the oscillating frequency. Either a 600 kHz or 1.2 MHz (Typ.) frequency can be selected with the
FCLK pin.
 SLOPE
This block generates the triangular waveform from the clock generated by OSC. Generated triangular waveform is sent to
the PWM comparator.
 PWM
The COMP pin voltage output by the error amp is compared to the SLOPE block's triangular waveform to determine the
switching duty. Since the switching duty is limited by the maximum duty ratio which is decided internally, it does not
become 100%.
 Reference voltage (VREF)
This block generates the internal reference voltage of 1.245 V (Typ.).
 Protection circuit (UVLO/TSD)
UVLO (under-voltage lockout protection circuit) shuts down the circuits when the voltages are 2.2 V (Typ.BD8151EFV)
1.8 V (Typ.ND8157EFV) or lower. Thermal shutdown circuit shuts down IC at 175°C (Typ.) and recovers at 160°C (Typ.).
 Overcurrent protection circuit (OCP)
Current flowing to the power FET is detected by voltage at the CURRENT SENSE and the overcurrent protection operates
at 3 A (Typ.). When the overcurrent protection operates, switching is turned off and the SS pin capacity is discharged.
 Soft start circuit
Since the output voltage rises gradually while restricting the current at the time of startup, it is possible to prevent the
output voltage overshoot or the inrush current.
 Buffer amp and VCOM
This buffer amp is used to set the gamma correction voltage, which can be set in from 0.2 V to (VOUT - 0.2 V). Use the
VOUT resistance division to set the gamma correction voltage. The VCOM voltage is set similarly.
Fig. 26 Application Circuit Diagram
10uF
Vo
RB161M-20
VCOM
V1
V2
V3
V4
10uH
10uF
VCC
2.5V
COMIN
13
12
11
6
7
8
9
10
2
3
4
5
1
SLOPE
OSC
UVLO
TSD
+
SET
RESET SDWN
LOGIC
CURRENT
SENSE
+
-
ERR
20
19
18
16
15
14
17
BUFFER SUPPLY
1.245V
SW
VCC
ENB
FCLK
VS
IN1
IN2
IN3
IN4
PGND
GND
FB
COMP
SS
VCOM
OUT1
OUT2
OUT3
OUT4
PWM
+ -
OCP
DRV
START
SOFT
TOP VIEW
20kΩ
20kΩ
20kΩ
20kΩ
20kΩ
20kΩ
20kΩ
100kΩ
15kΩ
5.1kΩ 3300pF
0.01uF


Similar Part No. - BD8151EFV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
More results

Similar Description - BD8151EFV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8150KVT ROHM-BD8150KVT_09 Datasheet
494Kb / 19P
   4-channel System Power Supply Gamma Buffer Amp IC
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Maxim Integrated Produc...
MAX17330X2EVKIT MAXIM-MAX17330X2EVKIT Datasheet
8Mb / 35P
   Voltage source/Power supply
Rev 0; 4/21
logo
National Semiconductor ...
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Analog Devices
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
logo
Burr-Brown (TI)
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Analog Devices
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com