Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9011KV Datasheet(PDF) 2 Page - Rohm

Part # BD9011KV
Description  Step-down, High-efficiency Switching Regulators (Controller type)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9011KV Datasheet(HTML) 2 Page - Rohm

  BD9011KV Datasheet HTML 1Page - Rohm BD9011KV Datasheet HTML 2Page - Rohm BD9011KV Datasheet HTML 3Page - Rohm BD9011KV Datasheet HTML 4Page - Rohm BD9011KV Datasheet HTML 5Page - Rohm BD9011KV Datasheet HTML 6Page - Rohm BD9011KV Datasheet HTML 7Page - Rohm BD9011KV Datasheet HTML 8Page - Rohm BD9011KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/29
Operating conditions (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage 1
EXTVCC
3.9 *1 *2
12
30
V
Input voltage 2
VCC
3.9 *1 *2
12
30
V
BOOT-SW voltage
BOOT-SW
4.5
5
VREG5
V
Carrier frequency
OSC
250
300
550
kHz
Synchronous frequency
SYNC
OSC
-
550
kHz
Synchronous pulse duty
Duty
40
50
60
Min OFF pulse
TMIN
-
100
-
nsec
This product is not designed to provide resistance against radiation.
*1 After more than 4.5V, voltage range.
*2 In case of using less than 6V, Short to VCC, EXTVCC and VREG5.
Electrical characteristics (Unless otherwise specified, Ta=25℃ VCC=12V STB=5V EN1,2=5V)
Limit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIN bias current
IIN
-
5
10
mA
Shutdown mode current
IST
-
0
10
μ
A
VSTB=0V
Error Amp Block]
Feedback reference voltage
VOB
0.792
0.800
0.808
V
Feedback reference voltage
(Ta=-40 to 105℃)
VOB+
0.784
0.800
0.816
V
Ta=-40 to 105℃ ※
Open circuit voltage gain
Averr
-
46
-
dB
VO input bias current
IVo+
-
-
1
μ
A
FET Driver Block]
HG high side ON resistance
HGhon
-
1.5
-
Ω
HG low side ON resistance
HGlon
-
1.0
-
Ω
LG high side ON resistance
LGhon
-
1.5
-
Ω
LG low side ON resistance
LGlon
-
0.5
-
Ω
Oscillator]
Carrier frequency
FOSC
270
300
330
kHz
RT=100 kΩ
Synchronous frequency
Fsync
-
500
-
kHz
RT=100 kΩ,SYNC=500kHz
Over Current Protection Block]
CL threshold voltage
Vswth
70
90
110
V
CL threshold voltage
Ta=-40 to 105℃)
Vswth+
67
90
113
V
Ta=-40 to 105℃ ※
VREG Block]
VREG5 output voltage
VREG5
4.8
5
5.2
V
IREF=6mA
VREG33 reference voltage
VREG33
3.0
3.3
3.6
V
IREG=6mA
VREG5 threshold voltage
VREG_UVLO
2.6
2.8
3.0
V
VREG:Sweep down
VREG5 hysteresis voltage
DVREG_UVLO
50
100
200
mV
VREG:Sweep up
Soft start block]
Charge current
ISS
6.5
10
13.5
μ
A
VSS=1V
Charge current
(Ta=-40 to 105℃)
ISS+
6
10
14
μ
A
VSS=1V,Ta=-40 to 105℃ ※
Note: Not all shipped products are subject to outgoing inspection.


Similar Part No. - BD9011KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
   Dual Synchronous DC/DC converter controller
More results

Similar Description - BD9011KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com