Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9011KV Datasheet(PDF) 1 Page - Rohm

Part # BD9011KV
Description  Step-down, High-efficiency Switching Regulators (Controller type)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9011KV Datasheet(HTML) 1 Page - Rohm

  BD9011KV Datasheet HTML 1Page - Rohm BD9011KV Datasheet HTML 2Page - Rohm BD9011KV Datasheet HTML 3Page - Rohm BD9011KV Datasheet HTML 4Page - Rohm BD9011KV Datasheet HTML 5Page - Rohm BD9011KV Datasheet HTML 6Page - Rohm BD9011KV Datasheet HTML 7Page - Rohm BD9011KV Datasheet HTML 8Page - Rohm BD9011KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TECHNICAL NOTE
Large Current External FET Controller Type Switching Regulator
Step-down,
High-efficiency
Switching Regulators
(Controller type)
BD9011EKN , BD9011KV , BD9775FV
BD9011EKN, BD9011KV
Overview
The BD9011EKN/KV is a 2-ch synchronous controller with rectification switching for enhanced power management efficiency.
It supports a wide input range, enabling low power consumption ecodesign for an array of electronics.
Features
1) Wide input voltage range: 3.9V to 30V
2) Precision voltage references: 0.8V±1%
3) FET direct drive
4) Rectification switching for increased efficiency
5) Variable frequency: 250k to 550kHz (external synchronization to 550kHz)
6) Built-in selected OFF latch and auto remove over current protection
7) Built-in independent power up/power down sequencing control
8) Make various application , step-down , step-up and step-up-down
9) Small footprint packages: HQFN36V, VQFP48C
Applications
Car audio and navigation systems, CRTTV,LCDTV,PDPTV,STB,DVD,and PC systems,portable CD and DVD players,
etc.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Parameter
Symbol
Rating
Unit
EXTVCC Voltage
EXTVCC
34
*1
V
COMP1,2 Voltage
COMP1,2
VCCCL1,2 Voltage
VCCCL1,2
34
*1
V
DET1,2 Voltage
DET1,2
CL1,2 Voltage
CL1,2
34
V
RT、SYNC Voltage
RT、SYNC
VREG5
V
SW1,2 Voltage
SW1,2
34
*1
V
BOOT1,2 Voltage
BOOT1,2
40
*1
V
0.875
*2
HQFN36V)
W
BOOT1,2-SW1,2
Voltage
BOOT1,2-SW1,2
7
*1
V
STB, EN1,2 Voltage
STB, EN1,2
VCC
V
Power Dissipation
Pd
1.1
*2
VQFP48C)
W
VREG5,5A
VREG5,5A
7
V
Operating
temperature
Topr
-40 to +105
VREG33
VREG33
VREG5
V
Storage temperature
Tstg
-55 to +150
SS1,2、FB1,2
SS1,2、FB1,2
VREG5
V
Junction temperature
Tj
+150
*1 Regardless of the listed rating, do not exceed Pd in any circumstances.
*2 Mounted on a 70mm x 70mm x 0.8mm glass-epoxy board. De-rated at 7.44mW/℃(
HQFN36V) or 8.8mW/℃(VQFP48C)
above 25℃.
Sep. 2008


Similar Part No. - BD9011KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
   Dual Synchronous DC/DC converter controller
More results

Similar Description - BD9011KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com