Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9045FV Datasheet(PDF) 10 Page - Rohm

Part # BD9045FV
Description  Step-down,High-efficiency Switching Regulators (Controller type)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9045FV Datasheet(HTML) 10 Page - Rohm

Back Button BD9045FV Datasheet HTML 6Page - Rohm BD9045FV Datasheet HTML 7Page - Rohm BD9045FV Datasheet HTML 8Page - Rohm BD9045FV Datasheet HTML 9Page - Rohm BD9045FV Datasheet HTML 10Page - Rohm BD9045FV Datasheet HTML 11Page - Rohm BD9045FV Datasheet HTML 12Page - Rohm BD9045FV Datasheet HTML 13Page - Rohm BD9045FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
BD9040FV, BD9045FV
Technical Note
10/18
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Output ripple current
L
VCC
IL
VOUT
Co
Application components selection
(1) Setting of output L constant value
The coil value significantly influences the output ripple current. Thus, as seen
in equation (1), the bigger the coil, and the higher the switching frequency, the
lower the drop in ripple current.
The optimal output ripple current setting is 30% of maximum current.
ΔIL = 0.3×IOUTmax.[A]・・・(2)
(ΔIL:output ripple current, f:switching frequency)
Outputting a current in excess of the coil current rating will cause magnetic saturation of the coil and decrease efficiency.
Please establish sufficient margin to ensure that peak current does not exceed the coil current rating.
Use low resistance (DCR, ACR) coils to minimize coil loss and increase efficiency.
(2) Setting of output constant Co
Select the output capacitor with the highest value for ripple voltage (VPP) tolerance and maximum drop voltage
(at rapid load change). The following equation is used to determine the output ripple voltage.
Step down
Be sure to keep the output Co setting within the allowable ripple voltage range.
Please allow sufficient output voltage margin in establishing the capacitor rating.
Note that low-ESR capacitors enable lower output ripple voltage.
Also, to meet the requirement for setting the output startup time parameter within the soft start time range, please factor in
the conditions described in the capacitance equation (5) for output capacitors, below.
Tss:soft start time
IOUT:load current
VOUT:output voltage
ILimit:over current detection value reference
Note: less than optimal capacitance values may cause problems at startup.
(3) Input capacitor(Cin)selection
The input capacitor serves to lower the output impedance of the power
source connected to the input pin (VCC). Increased power supply
output impedance can cause input voltage (VCC) instability, and may
negatively impact oscillation and ripple rejection characteristics.
Therefore, be certain to establish an input capacitor in close proximity
to the VCC and GND pins. Select a low-ESR capacitor with the required
ripple current capacity and the capability to withstand temperature
changes without wide tolerance fluctuations. The ripple current IRMS is
determined using equation (6).
Also, be certain to ascertain the operating temperature, load range and
MOSFET conditions for the application in which the capacitor will be
used, since capacitor performance is heavily dependent on the
application’s input power characteristics, substrate wiring and MOSFET
gate drain capacity.
(VCC-VOUT)×VOUT
L×VCC×f
Δ
IL =
[A]・・・(1)
(VCC-VOUT)×VOUT
Δ
IL×VCC×f
L =
[H]・・・(3)
Δ
IL
Vo
1
Co
Vcc
f
Δ
VPP= ΔIL × RESR+
×
×
[V]・・・(4)
provided that f: switching frequency
VOUT
Tss × (ILimit – IOUT)
Co ≦
・・・ (
5)
Δ
IL
L
VIN
VOUT
Co
Cin
Input capacitor
VOUT(VCC - VOUT)
VCC
IRMS = IOUT ×
[A]・・・(6)


Similar Part No. - BD9045FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
   Dual Synchronous DC/DC converter controller
More results

Similar Description - BD9045FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com