Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9775FV Datasheet(PDF) 7 Page - Rohm

Part # BD9775FV
Description  Step-down, High-efficiency Switching Regulators (Controller type)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9775FV Datasheet(HTML) 7 Page - Rohm

Back Button BD9775FV Datasheet HTML 3Page - Rohm BD9775FV Datasheet HTML 4Page - Rohm BD9775FV Datasheet HTML 5Page - Rohm BD9775FV Datasheet HTML 6Page - Rohm BD9775FV Datasheet HTML 7Page - Rohm BD9775FV Datasheet HTML 8Page - Rohm BD9775FV Datasheet HTML 9Page - Rohm BD9775FV Datasheet HTML 10Page - Rohm BD9775FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/29
Fig-16C(Step-Down:Low Input Voltage)
There are many factors(The PCB board layout, Output Current, etc.)that can affect the DCDC characteristics.
Please verify and confirm using practical applications.
Fig-16D(Step-Up:and Step-Up-Down)
There are many factors(The PCB board layout, Output Current, etc.)that can affect the DCDC characteristics.
Please verify and confirm using practical applications.
Vo(12V/1A)
18
(36)
17
(35)
15
(33)
14
(31)
13
(29)
3300pF
10kΩ
SW1
DGND1
OUTL1
VREG5A
VREG33
FB1
COMP1
SS1
DET1
STB
SW2
DET2
DGND2
OUTL2
VREG5
EXTVCC
FB2
COMP2
SS2
OUTH1
OUTH2
0.1uF
1uF
1uF
10kΩ
22000pF
0.1uF
0.33
uF
10
Ω
10mΩ
10mΩ
0.33uF
1uF
4.7kΩ 22000pF
6.2kΩ
91
220uF
23.5kΩ
Vo(24V/1A)
27uH
SP8K2
VIN(12V)
27(48)
1uF
0.1
uF
36
(12)
35
(11
)
32
(7)
29
(2)
28
(1)
26(47)
24(44)
22(41)
21(39)
20(38)
19(37)
1(13)
3(15)
4(17)
5(19)
6(21)
7(22)
9(24)
2(14)
25(46)
8(23)
23
100Ω
1nF
1nF
100Ω
1000pF
680
5.1kΩ
1000pF
1000pF
220
uF
*REGSPIC
TM
27uH
RSS
065N03
Co1
RB051L-40
L1
100uF
34
(10)
33
(8)
30
(3)
31
(5)
RB160
VA-40
RB051
L-40
Co2
L2
Do3
100kΩ
16
(34)
12
(27)
11
(26)
10
(25)
(SLF12565:TDK)
(SLF12565:TDK)
REGSPIC
TM
is
Trade Mark of RHOM
SW1
DGND1
OUTL1
VREG5A
VREG33
FB1
COMP1
SS1
DET1
STB
SW2
DET2
DGND2
OUTL2
VREG5
EXTVCC
FB2
COMP2
SS2
OUTH1
OUTH2
0.1uF
1uF
1uF
3.3kΩ
4700pF
0.1uF
0.33
uF
10
Ω
23mΩ
23mΩ
0.33uF
1uF
10kΩ
2200pF
20kΩ
12kΩ
VIN(5V)
31
(5)
27(48)
36
(12)
35
(11
)
33
(8)
32
(7)
30
(3)
29
(2)
28
(1)
26(47)
24(44)
22(41)
21(39)
20(38)
19(37)
18
(36)
17
(35)
15
(33)
14
(31)
13
(29)
1(13)
3(15)
4(17)
5(19)
6(21)
7(22)
9(24)
2(14)
25(46)
8(23)
23
100Ω
1nF
1nF
100Ω
100pF
33pF
43
30uF
(セラコン)
RB051
L-40
6.8uH
Vo(2.5V/2A)
SP8K2
1000pF
300Ω
34
(10)
100uF
100kΩ
16
(34)
12
(27)
11
(26)
10
(25)
RB160
VA-40
30uF
(セラコン)
Vo(1.8V/2A)
RB051
L-40
SP8K2
15kΩ
100Ω
3300pF
6.8uH
0.1uF
RB160
VA-40
0.1uF
(SLF10145:TDK)
(SLF10145:TDK)


Similar Part No. - BD9775FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9775FV ROHM-BD9775FV Datasheet
434Kb / 6P
   2channel Step-Down Switching Regulator Controller
BD9775FV ROHM-BD9775FV Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
BD9775FV-E2 ROHM-BD9775FV-E2 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
BD9775FV-E2 ROHM-BD9775FV-E2 Datasheet
554Kb / 29P
   Dual-output, high voltage, high-efficiency step-down Switching Regulator
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
More results

Similar Description - BD9775FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com