Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9524MUV Datasheet(PDF) 3 Page - Rohm

Part # BD9524MUV
Description  Main Power Supply IC for Note PC (Linear Regulator Integrated)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9524MUV Datasheet(HTML) 3 Page - Rohm

  BD9524MUV_10 Datasheet HTML 1Page - Rohm BD9524MUV_10 Datasheet HTML 2Page - Rohm BD9524MUV_10 Datasheet HTML 3Page - Rohm BD9524MUV_10 Datasheet HTML 4Page - Rohm BD9524MUV_10 Datasheet HTML 5Page - Rohm BD9524MUV_10 Datasheet HTML 6Page - Rohm BD9524MUV_10 Datasheet HTML 7Page - Rohm BD9524MUV_10 Datasheet HTML 8Page - Rohm BD9524MUV_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BD9524MUV
Technical Note
3/20
www.rohm.com
2010.03 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical characteristics - Continued
(unless otherwise noted, Ta=25℃ VIN=12V, CTL=5V, EN1=EN2=5V, REF1=2.5V, REF2=1.65V, FS1=FS2=0.582V)
Parameter
Symbol
Standard Value
Unit
Conditions
MIN.
TYP.
MAX.
[H
3RegTM block]
On Time 1
TON1
0.810
0.960
1.110
μs
REF=2.5V
On Time 2
TON2
0.520
0.670
0.820
μs
REF=1.65V
Maximum On Time
TONMAX
3.5
7
14
μs
Minimum Off Time
TOFFMIN
-
0.2
0.4
μs
FS1, FS2 bias current
IFS
-10
0
10
μA
[FET driver block]
HG higher side ON resistor
HGHON
-
3.0
6.0
HG lower side ON resistor
HGLON
-
2.0
4.0
LG higher side ON resistor
LGHON
-
2.0
4.0
LG lower side ON resistor
LGLON
-
0.5
1.0
[Over Voltage Protection block]
Latch Type OVP Threshold voltage
VLOVP
REF×2
×
1.15
REF×2
×
1.175
REF×2
×
1.20
V
Latch Type OVP delay time
TLOVP
50
150
300
μs
[Short circuit protection block]
SCP Threshold voltage
VSCP
REF×2×
0.66
REF×2
×
0.7
REF×2
×
0.74
V
Delay time
TSCP
0.5
1
2
ms
[Current limit protection block]
Maximum offset voltage
dVSMAX
50
65
80
mV
Is+1 bias current
IISP1
-
2.5
10
μA
Is+2 bias current
IISP2
-
2.5
10
μA
[Power good block]
Power good low threshold
VPGTHL
REF×2
×
0.87
REF×2
×
0.90
REF×2
×
0.93
V
Power good high threshold
VPGTHH
REF×2
×
1.07
REF×2
×
1.10
REF×2
×
1.13
V
Power good low voltage
VPGL
-
0.1
0.2
V
IPGOOD=1mA
Power good leakage current
ILEAKPG
-2
0
2
μA
VPGOOD=5V
[Soft Start block]
Charge current
ISS
1.8
2.5
3.2
μA
Standby voltage
VSS_STB
-
-
50
mV
[SLLM mode control block]
MCTL terminal voltage 1
VCONT
-0.3
-
0.3
V
Continuous mode
MCTL terminal voltage 2
VQLLM
1.5
-
3.0
V
QL
2M mode
(Maximum LG off time : 50μs)
MCTL terminal voltage 3
VSLLM
4.5
-
REG1+0.3
V
SL
2M mode
(Maximum LG off time : ∞)
MCTL float level
VMCTL
1.5
-
3.0
V
Output condition table
Input
Output
CTL
EN1
EN2
REG1(5V)
REG2(3.3V)
DC/DC1
DC/DC2
Low
Low
Low
OFF
OFF
OFF
OFF
Low
Low
High
OFF
OFF
OFF
OFF
Low
High
Low
OFF
OFF
OFF
OFF
Low
High
High
OFF
OFF
OFF
OFF
High
Low
Low
ON
ON
OFF
OFF
High
Low
High
ON
ON
OFF
ON
High
High
Low
ON
ON
ON
OFF
High
High
High
ON
ON
ON
ON


Similar Part No. - BD9524MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9524MUV-E2 ROHM-BD9524MUV-E2 Datasheet
639Kb / 21P
   Main Power Supply IC for Note PC(Linear Regulator Integrated)
More results

Similar Description - BD9524MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9524MUV ROHM-BD9524MUV Datasheet
639Kb / 21P
   Main Power Supply IC for Note PC(Linear Regulator Integrated)
BD9528MUV ROHM-BD9528MUV Datasheet
1Mb / 34P
   Main Power Supply ICs for Note PC(Linear Regulator Integrated)
logo
Panasonic Semiconductor
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
logo
Rohm
BD9528AMUV ROHM-BD9528AMUV Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
logo
ON Semiconductor
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com