Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9533EKN Datasheet(PDF) 6 Page - Rohm

Part # BD9533EKN
Description  Switching Regulators for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9533EKN Datasheet(HTML) 6 Page - Rohm

Back Button BD9533EKN_08 Datasheet HTML 2Page - Rohm BD9533EKN_08 Datasheet HTML 3Page - Rohm BD9533EKN_08 Datasheet HTML 4Page - Rohm BD9533EKN_08 Datasheet HTML 5Page - Rohm BD9533EKN_08 Datasheet HTML 6Page - Rohm BD9533EKN_08 Datasheet HTML 7Page - Rohm BD9533EKN_08 Datasheet HTML 8Page - Rohm BD9533EKN_08 Datasheet HTML 9Page - Rohm BD9533EKN_08 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/20
●Reference Data
100
200
300
400
500
600
700
30 40 50 60 70 80 90 100 110 120 130
RFS [kΩ]
Fig.25 SLLM
(IOUT=0A)
Fig.26 SLLM
(IOUT=0.4A)
Fig.27 SLLM
(IOUT=1A)
1.78
1.79
1.8
1.81
1.82
1
10
100
1000
10000
Iout [mA]
0
50
100
150
200
250
300
350
400
1
10
100
1000
10000
Iout [mA]
VOUT
IL
HG/LG
VOUT
IL
HG/LG
VOUT
IL
HG/LG
Continuous
mode
SLLM
SLLM
From upper side VIN=5V
7V
12V
16V
19V
Continuous
mode
Fig.31 VIN change
(5→19V)
Fig.32 VIN change
(19→5V)
Fig.33 FS VIN wake up
Fig.34 IOUT-VOUT
Fig.35 IOUT-Frequency
Fig.36 FS resistance- Frequency
Fig.28 Continuous MODE
(Io=0A)
Fig.29 Continuous MODE
(Io=4A)
Fig.30 Continuous MODE
(Io=5A)
HG/LG
VOUT
VIN
HG/LG
VOUT
VIN
HG/LG/SW
IL
HG/LG/SW
IL
HG/LG/SW
IL
EN
SS
VOUT


Similar Part No. - BD9533EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9533EKN ROHM-BD9533EKN Datasheet
354Kb / 6P
   Step down DC/DC converter Controller for NOTE PC
More results

Similar Description - BD9533EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com