Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9701CP-V5 Datasheet(PDF) 4 Page - Rohm

Part # BD9701CP-V5
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9701CP-V5 Datasheet(HTML) 4 Page - Rohm

  BD9701CP-V5 Datasheet HTML 1Page - Rohm BD9701CP-V5 Datasheet HTML 2Page - Rohm BD9701CP-V5 Datasheet HTML 3Page - Rohm BD9701CP-V5 Datasheet HTML 4Page - Rohm BD9701CP-V5 Datasheet HTML 5Page - Rohm BD9701CP-V5 Datasheet HTML 6Page - Rohm BD9701CP-V5 Datasheet HTML 7Page - Rohm BD9701CP-V5 Datasheet HTML 8Page - Rohm BD9701CP-V5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BD9701FP/CP-V5/T/T-V5,BD9703FP/CP-V5/T/T-V5,BD9702CP-V5/T/T-V5
Technical Note
4/16
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
40
50
60
70
80
90
100
10
100
1000
OUTPUT CURRENT : IOUT[A]
0
0.5
1
1.5
2
2.5
3
3.5
00.511.52
SWITCHING CURRENT : ISW[A]
0.980
0.990
1.000
1.010
1.020
-10
10
30
50
70
90
AMBIENT TEMPERATURE : Ta [℃]
Characteristic Data
BD9701FP/CP-V5/T/T-V5
0
1
2
3
4
5
6
01
2
3
4
OUTPUT CURRENT IOUT : [A]
90
95
100
105
110
-10
1030
507090
AMBIENT T EMPERAT URE : T a [℃ ]
4.9
4.95
5
5.05
5.1
0
200
400
600
800
1000
OUTPUT CURRENT : IOUT[A]
4.900
4.950
5.000
5.050
5.100
0
1020
3040
INPUT VOLTAGE : VCC [V]
VCC=30
V
VCC=20
V
VCC=10
V
90
95
100
105
110
0
1020
3040
INPUT VOLTAGE : VCC [V]
Fig.1
EFFICIENCY-LOAD CURRENT
Fig.2
OCP VCC=20V
Fig.3
fosc-Ta
Fig.4
OUTPUT VOLTAGE-LOAD CURRENT
Fig.5
OUTPUT VOLTAGE-INPUT VOLTAGE
(Vo=5V,Ro=5ohm)
Fig.6
CIRCUIT CURRENT-INPUT VOLTAGE
NO LOAD
Fig.7
VOUT~OUT VOLTAGE-DRAIN CURRENT
Fig.8
fosc-INPUT VOLTAGE
Fig.9
INV THRESHOLD VOLTAGE-Ta
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
10
15
20
25
30
35
INPUT VOLTAGE : VCC [V]


Similar Part No. - BD9701CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9701CP-V5 ROHM-BD9701CP-V5 Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
BD9701CP-V5 ROHM-BD9701CP-V5 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701CP-V5 ROHM-BD9701CP-V5 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9701CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com