Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


BD9778HFP Datasheet(PDF) 1 Page - Rohm

Part No. BD9778HFP
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

 
 1 page
background image
1/16
Single-chip Type with built-in FET Switching Regulator Series
Flexible Step-down
Switching Regulators
with Built-in Power MOSFET
BD9778F, BD9778HFP, BD9001F, BD9781HFP
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
No.10027EBT41
Overview
Features
1)
2)
3)
4)
5)
6)
8)
9)
10)
11)
12)
13)
14)
15)
Minimal external components
Wide input voltage range: 7 V to 35 V (BD9778F/HFP and BD9781HFP), 7 V to 48 V (BD9001F)
Built-in P-ch POWER MOS FET
Output voltage setting enabled with external resistor: 1 to VIN
Reference voltage accuracy: ±2%
Wide operating temperature range: -40˚C to +125˚C (BD9778F/HFP and BD9781HFP),
-40˚C to +95˚C (BD9001F)
Low dropout: 100% ON Duty cycle
Standby mode supply current: 0 µA (Typ.) (BD9778F/HFP and BD9781HFP), 4 µA (Typ.) (BD9001F)
Oscillation frequency variable with external resistor: 50 to 300 kHz (BD9001F),
50 to 500 kHz (BD9778F/HFP and BD9781HFP)
External synchronization enabled (only on the BD9781HFP)
Soft start function : soft start time fixed to 5 ms (Typ.))
Built-in overcurrent protection circuit
Built-in thermal shutdown protection circuit
High power HRP7 package mounted (BD9778HFP and BD9781HFP)
Compact SOP8 package mounted (BD9778F and BD9001F)
All fields of industrial equipment, such as Flat TV , printer, DVD, car audio, car navigation,
and communication such as ETC, AV, and OA.
Applications
Product lineup
The flexible step-down switching regulator controller is a switching regulator controller designed with a high-withstand-voltage
built-in POWER MOS FET, providing a free setting function of operating frequency with external resistor. This switching regulator
controller features a wide input voltage range (7 V to 35 V or 7 V to 48 V) and operating temperature range (-40˚C to +125˚C or
-40˚C to +95˚C). Furthermore, an external synchronization input pin (BD9781HFP) enables synchronous operation with external
clock.
BD9778F/HFP
2A
7V ~ 35V
50 ~ 500kHz
Not provided
Provided
-40˚C ~ +125˚C
SOP8 / HRP7
Output current
Input range
Oscillation frequency range
External synchronization
Standby function
Operating temperature
Package
BD9001F
2A
7V ~ 48V
50 ~ 300kHz
Not provided
Provided
-40˚C ~ +95˚C
SOP8
BD9781HFP
4A
7V ~ 35V
50 ~ 500kHz
Provided
Provided
-40˚C ~ +125˚C
HRP7
Item




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl