Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9870FPS Datasheet(PDF) 5 Page - Rohm

Part # BD9870FPS
Description  Simple Step-down Switching Regulator with Built-in Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9870FPS Datasheet(HTML) 5 Page - Rohm

  BD9870FPS_09 Datasheet HTML 1Page - Rohm BD9870FPS_09 Datasheet HTML 2Page - Rohm BD9870FPS_09 Datasheet HTML 3Page - Rohm BD9870FPS_09 Datasheet HTML 4Page - Rohm BD9870FPS_09 Datasheet HTML 5Page - Rohm BD9870FPS_09 Datasheet HTML 6Page - Rohm BD9870FPS_09 Datasheet HTML 7Page - Rohm BD9870FPS_09 Datasheet HTML 8Page - Rohm BD9870FPS_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BD9870FPS
Technical Note
5/11
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Application component selection and settings
Inductor L1
A large inductor series impedance will result in deterioration of efficiency. OCP operation greater than 1.6A may cause
inductor overheating, possibly leading to overload or output short.
Note that the current rating for the coil should be higher than IOUT(MAX)+⊿IL.
Iout(MAX): maximum load current
If you flow more than maximum current rating, coil will become overload, and cause magnetic saturation, and those
account for
efficiency deterioration. Select from enough current rating of coil which doesn’t over peak current.
L1:inductor value, VCC:maximum input voltage, VOUT:output voltage,
IL:coil ripple current value, fosc:oscillation frequency
If you make a point of efficiency, we will recommend C10-H5R(mitsumi).The efficiency will improve about 1-2%.
Schottky Diode D1
A Schottky diode with extremely low forward voltage should be used. Selection should be based on the following
guidelines regarding maximum forward current, reverse voltage, and power dissipation:
The maximum current rating is higher than the combined maximum load current and coil ripple current (⊿IL).
The reverse voltage rating is higher than the VIN value.
Power dissipation for the selected diode must be within the rated level.
The power dissipation of the diode is expressed by the following formula:
Pdi=Iout(MAX)×Vf×(1-VOUT/VCC)
Iout(MAX): maximum load current, Vf: forward voltage, VOUT: output voltage, VCC: input voltage
Output Capacitor C1
A suitable output capacitor should satisfy the following formula for ESR:
ESR≦⊿VL/⊿IL
VL : permissible ripple voltage, ⊿IL : coil ripple current
Another factor that must be considered is the permissible ripple current. Select a capacitor with sufficient margin, governed
by the following formula:
IRMS =⊿IL/2√3
IRMS: effective value of ripple current to the output capacitor, ⊿IL : coil ripple current
Use ceramic capacitor over B characteristic of temperature. Except that, it is possible to cause abnormal movement of IC.
It’s depends on ambient temperature or output voltage setting
Also it is possible to use Al electronic capacitor, but use it by enough confirmation.
Input Capacitor C2
The input capacitor is the source of current flow to the coil via the built-in Pch FET when the FET is ON. When selecting
the input capacitor sufficient margin must be provided to accommodate capacitor voltage and permissible ripple current.
The expression below defines the effective value of the ripple current to the input capacitor. It should be used in
determining the suitability of the capacitor in providing sufficient margin for the permissible ripple current.
IRMS : effective value of the ripple current to the input capacitor
IOUT : output load current, VOUT: output voltage, VCC: input voltage
Capacitor C3
This capacitor is utilized to stabilize the frequency characteristics, but is seldom used. However, if the phase margin is
insufficient and oscillation is likely, connecting this capacitor may improve frequency stability.
Resistor R1,R2
These resistors determine the output voltage:
VOUT=1.0V×(1 + R1/R2)
Select resistors less than 10kΩ.
×
IL. =
L1
(VCC-VOUT)
VOUT
VCC
fosc
1
×
IRMS=IOUT×√ (1-VOUT / VCC)×VOUT / VCC


Similar Part No. - BD9870FPS_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9870FPS-E2 ROHM-BD9870FPS-E2 Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9870FPS_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9328EFJ ROHM-BD9328EFJ Datasheet
499Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com