Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9851EFV Datasheet(PDF) 11 Page - Rohm

Part # BD9851EFV
Description  Single-output High-frequency Step-down Switching Regulator(Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9851EFV Datasheet(HTML) 11 Page - Rohm

Back Button BD9851EFV Datasheet HTML 7Page - Rohm BD9851EFV Datasheet HTML 8Page - Rohm BD9851EFV Datasheet HTML 9Page - Rohm BD9851EFV Datasheet HTML 10Page - Rohm BD9851EFV Datasheet HTML 11Page - Rohm BD9851EFV Datasheet HTML 12Page - Rohm BD9851EFV Datasheet HTML 13Page - Rohm BD9851EFV Datasheet HTML 14Page - Rohm BD9851EFV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
• Setting of oscillation frequency (BD9851EFV)
• Setting of timer of short circuit protection circuit (BD9851EFV)
• Setting of maximum duty (BD9851EFV)
• Pin treatment of unused channels (BD9851EFV)
In order to use one channel, treat the pins of unused channel as shown above.
Setting procedure
Application
CSCP
SCP (14)
Setting procedure
Application
R1
R2
VREF (17)
DTC (13)(7)
11/16
5
(18)
Vcc
(18)
Vcc
(17)
VREF
SEL1
(1)
NON2
(4)
INV
(16)
(5)
FB
(15)
(6)
DTC
(13)
(7)
OUT
(9)
PVcc
(12)
(11)
(8)
Upper : Pin No. to be treated when the CH1 is not used
Lower : Pin No. to be treated when the CH2 is not used
Fig. 22 Pin treatment procedure for unused channel on BD9851EFV
Connecting a resistor to the RT pin (pin 2) and a capacitor to the CT pin allows
for the setting of oscillation frequency.
Fig. 19 Setting procedure for BD9851EFV oscillation frequency
RRT
CCT
RT (2)
CT (3)
1000
1000
100
10
1
10
100
Timing Resistance (kΩ)
Fig. 20 RT vs. Oscillation frequency
CCT=33pF
CCT=220pF
CCT=1200pF
1000
1000
100
10
10
10
100
1000
Timing Capacitance(pF)
Fig. 20 CT vs. Oscillation frequency
RRT=4.7kΩ
RRT=24kΩ
TSCP = 7.45
× 105 × CSCP
TSCP :
OSCP :
Time from output short circuit to latch stop [sec]
Capacitance of capacitor between the SCP and
GND pins [F]
DUTY(max.) = 100
× (VDTC – Vth0) / (Vth100 – Vth0)
VDTC = 2.5
× R2 / (R1 + R2)
DUTY(max.)
VDTC
Vth0
Vth100
: Maximum duty [%]
: DTC pin voltage [V]
: 0% duty threshold voltage [V]
: 100% duty threshold voltage [V]


Similar Part No. - BD9851EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
More results

Similar Description - BD9851EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9845FV ROHM-BD9845FV_11 Datasheet
549Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9842FVE ROHM-BD9842FVE Datasheet
1Mb / 17P
   Dual-output High-frequency step-down Switching Regulator (Controller type)
BD9853AFV ROHM-BD9853AFV Datasheet
472Kb / 17P
   Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
BD9305AFVM ROHM-BD9305AFVM Datasheet
417Kb / 15P
   Single-output Step-up,High-efficiency Switching Regulator(Controller Type)
BD9763FVM ROHM-BD9763FVM Datasheet
383Kb / 12P
   Single-output Step-up,High-efficiency Switching Regulator (Controller Type)
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
logo
Linear Technology
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com