Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95242MUV Datasheet(PDF) 7 Page - Rohm

Part # BD95242MUV
Description  2ch Switching Regulator for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95242MUV Datasheet(HTML) 7 Page - Rohm

Back Button BD95242MUV_10 Datasheet HTML 3Page - Rohm BD95242MUV_10 Datasheet HTML 4Page - Rohm BD95242MUV_10 Datasheet HTML 5Page - Rohm BD95242MUV_10 Datasheet HTML 6Page - Rohm BD95242MUV_10 Datasheet HTML 7Page - Rohm BD95242MUV_10 Datasheet HTML 8Page - Rohm BD95242MUV_10 Datasheet HTML 9Page - Rohm BD95242MUV_10 Datasheet HTML 10Page - Rohm BD95242MUV_10 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Technical Note
7/20
www.rohm.com
2010.03 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Reference data – Continued
Fig.17 VIN-IVIN (Io=0A, Vo1=5.0V)
Fig.16 Io-efficiency (VIN=12V, Vo1=5.0V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Io [mA]
0.1
1
10
100
7
9
11
13
15
17
19
21
23
25
VIN [V]
QLLM
SLLM
CONT Mode
CONT Mode
QLLM
SLLM
0.0
0.5
1.0
1.5
0.00
0.40
0.80
1.20
1.60
FS[V]
Vo=5.0V
Vo=3.3V
0
200
400
600
800
1000
1200
0.00
0.40
0.80
1.20
1.60
FS[V]
CONT Mode (5.0V)
CONT Mode (3.3V)
QLLM, SLLM (3.3V)
QLLM, SLLM (3.3V)
VIN=12V, Vo=5.0V
0
50
100
150
200
250
300
350
400
450
500
0.001
0.01
0.1
1
10
Io [A]
CONT Mode (VIN=19)
CONT Mode (VIN=12)
CONT Mode (VIN=7)
QLLM, SLLM (VIN=19)
QLLM, SLLM (VIN=12)
QLLM, SLLM (VIN=7)
QLLM
(VIN=7,12,19)
SLLM
Fig.13 FS-ON TIME
Fig.14 FS- frequency
Fig.15 Io-frequency (Vo1=5.0V)
300
320
340
360
380
400
420
440
460
480
500
510
15
20
VIN [V]
Fig.18 VIN-frequency (Vo1=5.0V)
(Io=5A)
(Io=2A)
CONT Mode


Similar Part No. - BD95242MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95242MUV-E2 ROHM-BD95242MUV-E2 Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
More results

Similar Description - BD95242MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
logo
New Japan Radio
NJU7680 NJRC-NJU7680 Datasheet
162Kb / 11P
   2ch switching regulator IC
logo
Rohm
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com