Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1710FVC Datasheet(PDF) 11 Page - Rohm

Part # BH1710FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1710FVC Datasheet(HTML) 11 Page - Rohm

Back Button BH1710FVC Datasheet HTML 7Page - Rohm BH1710FVC Datasheet HTML 8Page - Rohm BH1710FVC Datasheet HTML 9Page - Rohm BH1710FVC Datasheet HTML 10Page - Rohm BH1710FVC Datasheet HTML 11Page - Rohm BH1710FVC Datasheet HTML 12Page - Rohm BH1710FVC Datasheet HTML 13Page - Rohm BH1710FVC Datasheet HTML 14Page - Rohm BH1710FVC Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BH1710FVC
Technical Note
11/15
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Adjust measurement result for influence of optical window.
BH1710FVC is including in adjust measurement result function for influence of optical window. Adjust is done by changing
measurement time. For example, if transmission rate by optical window is 1 / N, then adjust is done by measurement time is
set to "initial value * N".
Measurement time register (Mtreg) is 10bit register. Initial value is "01_0010_1100" (12Cxh). Please change this register
value via to I
2C Bus interface.
ex) Case of transmission rate is 50%.
Please change Mtreg value from "01_0010_1100" to "10_0101_1000".
1)Changing High bit of Mtreg
ST
Slave Address
R/W
0
Ack
010_10010
Ack
SP
2)Changing Low bit of Mtreg
ST
Slave Address
R/W
0
Ack
011_11000
Ack
SP
3)Input Measurement Command.
This example is High Resolution mode, but it accepts the other measurement.
ST
Slave Address
R/W
0
Ack
0001_0000
Ack
SP
4)After about 240ms, measurement result is registered to Data Register. (High Resolution mode is typically 120ms, but
measurement time is set twice.)
Supported Mtreg value is seeing below.
Parameter
Min.
Typ.
Max
Supported value (hex)
00110_00100
(transmission rate 153%)
01001_01100
(transmission rate 100%)
11111_11110
(transmission rate 29.4%)
For example BH1710FVC is possible to detect min. 0.35 lx when Mtreg value is “11111_11110” at H-Resolution mode.


Similar Part No. - BH1710FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1710FVC ROHM-BH1710FVC Datasheet
367Kb / 5P
   16bit serial output digital Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC Datasheet
400Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC-TR ROHM-BH1710FVC-TR Datasheet
400Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_10 Datasheet
400Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1710FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com